Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4303V Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW4303V
Description  Hall Element-PWM Type 3-Phase Motor Control IC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4303V Datasheet(HTML) 1 Page - New Japan Radio

  NJW4303V Datasheet HTML 1Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver.2010/09/03                                                                         
         
NJW4303
Hall Element-PWM Type 3-Phase Motor Control IC
■ PACKAGE OUTLINE
NJW4303V
■ BLOCK DIAGLAM
■ GENERAL DESCRIPTION
The NJW4303 is a 3-Phase Brushless DC Motor Control
pre-driver IC with PWM control. It generates the most optimal
current flow patterns by receiving rotor magnetic pole detection
signals from hall elements of 3-phase brushless motor.
Operational voltage range for the IC has margin as 9.0V to 35V
(maximum voltage of 40V), and it fits for a 12V/24V power supply.
It is possible to put practical use such as speed control by
internal oscillation circuit, and torque limiter control by current
sensory circuit. With NJW4303, high reliability of various motor
drive controls can be realized by a variety of function and a
substantial protection circuit.
■ FEATURE
▪ Supply Voltage
: 9.0V ~ 35V
▪ PWM Pre Driver
: Upper = Pch / Lower = Nch
▪ PWM Control Circuit
▪ Forward / Reverse Detection
: Changeable while Roating
▪ PWM Oscillation Circuit
: Setting by External Capacitor
▪ Protection Circuit
: ILimit, UVLO, TSD, LD
▪ Soft Start Function
▪ Short Brake Function
▪ ON/OFF Function
: Stop with S/S Pin
▪ 120º / 60º Phase Difference Change Function
▪ Multi FG Output
: 2 bit Input Change Type
▪ Controllable Dead Time Settings
▪ Package
: SSOP-32
H1+
H2+
H3+
FRC
VREF
OSC
VERR
GND
ILIMIT
WL
VL
UL
WH
VH
UH
FR
BR
FG
H1-
H2-
H3-
S/S
N1
N2
DEC
VCC
N
N
S
S
3Phase Motor
H
H
H
FG-OUT
+
VM
GND
+
CFRC
CVCC
CVREF
COSC
Cct
RFG
Lowpass Filter
CVERR
+
+
-
VREF
UVLO
Saw
Oscillator
+
-
PWM Logic
Lock
Detect
TSD
+
-
+
-
+
-
Dead
Time
Rotor
Position
Decode


Similar Part No. - NJW4303V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4303 NJRC-NJW4303 Datasheet
345Kb / 28P
   PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
More results

Similar Description - NJW4303V

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8413P TOSHIBA-TA8413P Datasheet
260Kb / 7P
   3 PHASE BI-DIRECTIONAL HALL MOTOR CONTROL IC
TA8424F TOSHIBA-TA8424F Datasheet
372Kb / 11P
   3 PHASE HALL MOTOR DRIVER IC
TA7713P TOSHIBA-TA7713P Datasheet
547Kb / 15P
   3 PHASE BI-DIRECTIONAL TYPE MOTOR CONTROL IC
logo
New Japan Radio
NJM2625 NJRC-NJM2625 Datasheet
79Kb / 8P
   PWM TYPE 3-PHASE DC BRUSHLESS MOTOR CONTOROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Toshiba Semiconductor
TA8402F TOSHIBA-TA8402F Datasheet
343Kb / 8P
   3 PHASE HALL MOTOR DRIVER
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
   3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
TB6560AFG TOSHIBA-TB6560AFG Datasheet
506Kb / 34P
   PWM Chopper-Type Bipolar Driver IC for Stepping Motor Control
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847_12 Datasheet
144Kb / 15P
   Monolithic Digital IC PWM Current Control Type Stepping Motor Driver
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
   Three-Phase Stepping Motor Control IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com