Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E222L Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100E222L
Description  3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E222L Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100E222L_11 Datasheet HTML 1Page - Micrel Semiconductor SY100E222L_11 Datasheet HTML 2Page - Micrel Semiconductor SY100E222L_11 Datasheet HTML 3Page - Micrel Semiconductor SY100E222L_11 Datasheet HTML 4Page - Micrel Semiconductor SY100E222L_11 Datasheet HTML 5Page - Micrel Semiconductor SY100E222L_11 Datasheet HTML 6Page - Micrel Semiconductor SY100E222L_11 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Micrel, Inc.
Precision Edge®
SY100E222L
M9999-021511
hbwhelp@micrel.com or (408) 955-1690
VCC = 0V; VEE = –3.3V ±0.3V; TA = –40°C to +85°C, typicals are TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output High Voltage
RL = 50Ω to VCC–2V
–1085
–955
–880
mV
VOL
Output Low Voltage
RL = 50Ω to VCC–2V
–1830
–1705
–1620
mV
VIH
Input High Voltage
–1165
–880
mV
VIL
Input Low Voltage
–1810
–1475
mV
VIIHCMR
Input High Voltage Common
Note 6
Mode Range (Differential)
(CLK, /CLK) VPP < 500mV
–2.0
–0.4
V
VPP ≥ 500mV
–1.7
–0.4
V
VBB
Output Reference Voltage
–1.38
–1.26
V
IIH
Input HIGH Current
150
µA
IIL
Input LOW Current
(CLK, CLK_SEL, FSEL, MR)
0.5
µA
(/CLK)
–300
µA
LVECL DC ELECTRICAL CHARACTERISTICS(5)
VCC = +3.0 to +3.6V and VEE = 0V or VCC = 0V and VEE = –3.0 to –3.6V; TA = –40°C to +85°C, typicals are TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
1.2
>1.5
GHz
tPD
Propagation Delay
IN (Differential), Note 8
1040
1210
1420
ps
IN (Single-ended), Note 9
1090
1335
1570
ps
MR
1000
1200
1520
ps
tSKEW
Within-Device Skew
Note 10
50
ps
Part-to-Part Skew (Differential)
300
ps
tJITTER
Random Clock Jitter
< 1
psRMS
VPP
Differential Input Swing
Note 11
400
1000
mV
tr, tf
Output Rise/Fall Time (Q, /Q)
(20% to 80%)
200
600
ps
Notes:
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIHCMR is defined as the range within which the VIH level may vary with the device still meeting the propagation delay specification. The VIL level
must be such that the peak-to-peak voltage is less than 1.0V and then greater than or equal to VPP(min).
7. High-frequency AC parameters are guaranteed by design and characterization.
8. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
9. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
10. The within-device skew is defined as the worst-case difference between any two similar delay paths within a single device.
11. VPP(min) is defined as the minimum input differential voltage, which will cause no increase in the propagation delay. The VPP(min) is AC limited for
the SY100E222L as a differential input as low as 50 mV will still produce full ECL levels at the output.
AC ELECTRICAL CHARACTERISTICS(7)


Similar Part No. - SY100E222L_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E222LTI MICREL-SY100E222LTI Datasheet
69Kb / 6P
   3.3V, 1.5GHz 1 / 2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY100E222LTI MICREL-SY100E222LTI Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY100E222LTITR MICREL-SY100E222LTITR Datasheet
69Kb / 6P
   3.3V, 1.5GHz 1 / 2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY100E222LTITR MICREL-SY100E222LTITR Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY100E222L MICREL-SY100E222L_06 Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
More results

Similar Description - SY100E222L_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_06 Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
   LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L Datasheet
69Kb / 6P
   3.3V, 1.5GHz 1 / 2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
   첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_06 Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
logo
Integrated Circuit Syst...
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com