Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP58V Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EP58V
Description  3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP58V Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EP58V_06 Datasheet HTML 1Page - Micrel Semiconductor SY10EP58V_06 Datasheet HTML 2Page - Micrel Semiconductor SY10EP58V_06 Datasheet HTML 3Page - Micrel Semiconductor SY10EP58V_06 Datasheet HTML 4Page - Micrel Semiconductor SY10EP58V_06 Datasheet HTML 5Page - Micrel Semiconductor SY10EP58V_06 Datasheet HTML 6Page - Micrel Semiconductor SY10EP58V_06 Datasheet HTML 7Page - Micrel Semiconductor SY10EP58V_06 Datasheet HTML 8Page - Micrel Semiconductor SY10EP58V_06 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ECL Pro™
SY10EP58V
SY100EP58V
Micrel, Inc.
M9999-070105
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Toggle Frequency(1)
3—
—3—
3—
GHz
tPLH
Propagation Delay (Differential)
tPHL
SEL to Q, /Q; D to Q, /Q
170
380
190
230
410
210
420
ps
tSKEW
Part-to-Part Skew(2)
——
200
——
200
200
ps
tJITTER
Cycle-to-Cycle Jitter (rms)(3)
0.2
<1
0.2
<1
0.2
<1
psPP
Random Jitter(4)
—————
<1
———
psPP
Note 3
Deterministic Jitter(5)
@1.25Gbps
————
7
<15
———
psPP
Note 4
@2.5Gbps
————
10
<25
———
Total Jitter(6)
—<1
—<1
—<1
psPP
V
IN
Differential Input Voltage Range
150
800
1200
150
800
1200
150
800
1200
mV
t
r, tf
Output Rise/Fall Time Q, /Q
170
140
180
200
ps
(20% to 80%)
Notes:
1. Measured with 750mV input signal, 50% duty cycle. Output swing ≥ 400mV. All loading with a 50Ω to VCC –2.0V.
2. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are
measured from the cross point of the inputs to the cross point of the outputs.
3. The variation in period between adjacent cycles over a random sample of adjacent cycle pairs. tJITTER_CC = tn– tn + 1, where t is the time between
rising edges of the output signal.
4. Random jitter is measured with a K28.7 comma detect character pattern, measured at 1.25Gbps and 2.5Gbps.
5. Deterministic jitter is measured at 1.25Gbps and 2.5Gbps, with both K28.5 and 223–1 PRBS pattern.
6. Total Jitter is defined as an ideal clock input, no more than 1 output edge in 1012 output edges will deviate by more than specifed peak-to-peak jitter
value.
AC ELECTRICAL CHARACTERISTICS
VCC = 3.0V to 5.5V, VEE = 0V or VCC = 0V; VEE = –3.0V to –5.5V.


Similar Part No. - SY10EP58V_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP58VKC MICREL-SY10EP58VKC Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
SY10EP58VKCTR MICREL-SY10EP58VKCTR Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
SY10EP58VZC MICREL-SY10EP58VZC Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
SY10EP58VZCTR MICREL-SY10EP58VZCTR Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
More results

Similar Description - SY10EP58V_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
AZ100LVEL58 AZM-AZ100LVEL58 Datasheet
74Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com