Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP451L Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY10EP451L
Description  3.3V ECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP451L Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY10EP451L Datasheet HTML 2Page - Micrel Semiconductor SY10EP451L Datasheet HTML 3Page - Micrel Semiconductor SY10EP451L Datasheet HTML 4Page - Micrel Semiconductor SY10EP451L Datasheet HTML 5Page - Micrel Semiconductor SY10EP451L Datasheet HTML 6Page - Micrel Semiconductor SY10EP451L Datasheet HTML 7Page - Micrel Semiconductor SY10EP451L Datasheet HTML 8Page - Micrel Semiconductor SY10EP451L Datasheet HTML 9Page - Micrel Semiconductor SY10EP451L Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SY10/100EP451L
May 2007
7
M9999-051807-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics(12)
VCC = 0V; VEE = –3.0V to –3.6V or VCC = 3.0V to 3.6V; VEE = 0V; TA = –40°C to +85°C; for 10EP and 100EP, unless
otherwise stated.
(13)
-40°C
25°C
85°C
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
VOUTpp
Output Voltage Amplitude at 3GHz
(14)
540
670
520
650
450
580
mV
tPD
Propagation Delay to
CLK to Q, /Q
Output Differential
MR to Q, /Q
330
380
430
530
530
630
350
400
450
550
550
650
390
440
490
590
590
690
ps
tRR
Reset Recovery
MR to CLK
240
100
250
100
260
100
ps
tS
Set-Up Time
D to CLK
80
0
80
0
80
0
ps
tH
Hold Time
CLK to D
80
0
80
0
80
0
ps
tPW
Minimum Pulse Rate
MR
400
400
400
ps
tSKEW
Within-Device Skew
(15)
Device-to-Device Skew
(16)
10
35
40
100
10
35
40
100
10
35
40
100
ps
tJITTER
Clock Random Jitter (RMS)
at ≤3.0GHz
0.2
1
0.2
1
0.2
1
ps
tr, tf
Output Rise/Fall Times
Q, /Q
(20% to 80%)
100
150
250
110
160
260
130
180
280
ps
Notes:
12. The device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with
maintained transverse airflow greater than 500lfpm. Electrical parameters are guaranteed only over the declared operating temperature range.
Functional operation of the device exceeding these conditions is not implied. Device specifications limit values are applied individually under normal
operating conditions and not valid simultaneously.
13. Measured using a 750mV source, 50% duty cycle clock source, all loading with 50Ω to VCC–2V.
14. VOL and VOH specifications not guaranteed for fMAX testing
15. Skew is measured between outputs under identical transitions and conditions on any one device.
16. Device-to-device skew for identical transitions at identical VCC levels.
Input Stage
Figure 1. Simplified Differential Input Buffer


Similar Part No. - SY10EP451L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451LTG MICREL-SY10EP451LTG Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451LTGTR MICREL-SY10EP451LTGTR Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
More results

Similar Description - SY10EP451L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com