Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP16VZI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EP16VZI
Description  5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP16VZI Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EP16VZI Datasheet HTML 1Page - Micrel Semiconductor SY10EP16VZI Datasheet HTML 2Page - Micrel Semiconductor SY10EP16VZI Datasheet HTML 3Page - Micrel Semiconductor SY10EP16VZI Datasheet HTML 4Page - Micrel Semiconductor SY10EP16VZI Datasheet HTML 5Page - Micrel Semiconductor SY10EP16VZI Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ECL Pro™
SY10EP16V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VEE
Power Supply Voltage (VCC = 0)
–6.0 to 0
Vdc
VCC
Power Supply Voltage (VEE = 0)
+6.0 to 0
Vdc
VIN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
Vdc
Input Voltage (VEE = 0V, VIN not more negative than VCC)
+6.0 to 0
Vdc
IOUT
Output Current
–Continuous
50
mA
–Surge
100
IBB
VBB Sink/Source Current
(2)
±0.5
mA
TLEAD
Lead Temperature (soldering, 20sec.)
+260
°C
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
Note :
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
IEE
Power Supply Current(2)
—42—
—42—42
mA
VOH
Output HIGH Voltage(3)
V
CC –1080 VCC –0890 VCC –0980
V
CC –0810 VCC –0910 VCC –0720
mV
VOL
Outuput LOW Voltage(3)
V
CC –1950 VCC –1650 VCC –1950
V
CC –1630 VCC –1950 VCC –1595
mV
VIH
Input HIGH Voltage
V
CC –1230 VCC –0890 VCC –1130
V
CC –0810 VCC –1060 VCC –0720
mV
VIL
Input LOW Voltage
V
CC –1950 VCC –1500 VCC –1950
V
CC –1480 VCC –1950 VCC –1445
mV
VBB
Output Reference Voltage
V
CC –1430 VCC –1300 VCC –1350
V
CC –1250 VCC –1310 VCC –1190
mV
VIHCMR
Input HIGH Voltage
V
EE +2.0
V
CC –0.4
V
EE +2.0
V
CC –0.4
V
EE +2.0
V
CC –0.4
V
Common Mode Range(4)
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
Notes:
1. 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a
test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
2. V
CC = 0V, VEE = VEE(min.) to VEE(max.), all other pins floating.
3. All loading with 50Ω to VCC – 2.0V.
4. V
IHCMR(min.) varies 1:1 with VEE, Max. varies 1:1 with VCC.
5. Input and output parameters vary 1:1 with V
CC.
DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 0V; VEE = –5.5V to –3.0V; VCC = 3.0V to 5.5V, VEE = 0V
(5)


Similar Part No. - SY10EP16VZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
More results

Similar Description - SY10EP16VZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V_05 Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
   5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com