Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ26CA Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SMBJ26CA
Description  600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SMBJ26CA Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SMBJ26CA Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SMBJ26CA Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SMBJ26CA Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SMBJ26CA Datasheet HTML 4Page - WILLAS ELECTRONIC CORP SMBJ26CA Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TRANSIENT VOLTAGE SUPPRESSOR
FEATURES
* For surface mounted applications in order to optimize board space
* Low profile package
* Built-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
* Repetition Rate(duty cycle):0.01%
* Fast response time: typically less than 1.0ps from
0 Volts to BV for unidirectional types
* Typical IR less than 1mA above 10V
* High temperature soldering: 250°C/10 seconds at terminals
* Plastic package has Underwriters Laboratory Flammability 94V-O
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"*
MECHANICAL DATA
* Case: JEDEC DO214AA. Molded plastic over glass passivated junction
* Terminal: Solder plated, solderable per MIL-STD-750 , Method 2026
* Polarity:Color band denotes positive end (cathode) except Bidirectional
* Weight: 0.00
4ounce, 0.104gram
UNI-POLAR
BI-POLAR
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
UNITS
Watts
Amps
Watts
Amps
Vots
W/℃
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25℃ per Fig.2.
2. Mounted on 0.2 X 0.2”( 5.0 X 5.0mm ) copper pad to each terminal.
3. 8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
4. VF= 3.5V on SMBJ5.0 thru SMBJ90A devices and VF= 5.0V onSMBJ100 thru SMBJ190A devices.
5.Thermal Resistance (Junction to Ambient)
2009.9
RATING
VALUE
100
Dimensions in inches and (millimeters)
SYMBOL
100
3.5 / 5.0
-55 to +150
DEVICES FOR BOPOLAR APPLICATIONS
For Bidirectional use C or Ca suffix for types SMBJ5.0 thru SMBJ
Electrical characteristics apply in both direction
Peak Forward Surge Current per Fig.5 (Note 3)
Maximum Instantaneous Forward Voltage at 25A (Note 4)
Operating and Storage Temperature Range
IFSM
VF
TJ, TSTG
Peak Power Dissipation with a 10/1000uS (Note 1,2,5 Fig)
Peak Pulse Current with a 10/1000uS waveform ( Note 1, Fig.2 )
Typical Thermal Resistance (Note 5)
JA
SEE TABLE 1
Steady State Power Dissipation (Note 2)
5
PPPM
IPPM
PM(AV)
WILLAS ELECTRONIC CORP.
WILLAS
SMBJ
TVS
SERIES
600W SURFACE MOUNT GPP
SMB PACKAGE
Minimum 600
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)
0.2
13 (5.40)
0.
199 (5.05)
0.030 (0.76)
0.0
50 (1.27)
0.084 (2.13)
0.096 (2.44)
0.160 (4.06)
0.18
5 (4.70)
0.130 (3.30)
0.155 (3.94)
0.083 (2.11)
0.075 (1.91)


Similar Part No. - SMBJ26CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ26CA SOCAY-SMBJ26CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ26CA BYTES-SMBJ26CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ26CA UMW-SMBJ26CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
HuaXinAn Electronics CO...
SMBJ26CA HUAXINAN-SMBJ26CA Datasheet
450Kb / 6P
   Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMBJ26CA MDE-SMBJ26CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ26CA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
P4FMAF RECTRON-P4FMAF Datasheet
152Kb / 9P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJXX RECTRON-P4SMAJXX Datasheet
181Kb / 9P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com