Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP05VZI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EP05VZI
Description  5V/3.3V DIFFERENTIAL AND/NAND
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP05VZI Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EP05VZI Datasheet HTML 1Page - Micrel Semiconductor SY10EP05VZI Datasheet HTML 2Page - Micrel Semiconductor SY10EP05VZI Datasheet HTML 3Page - Micrel Semiconductor SY10EP05VZI Datasheet HTML 4Page - Micrel Semiconductor SY10EP05VZI Datasheet HTML 5Page - Micrel Semiconductor SY10EP05VZI Datasheet HTML 6Page - Micrel Semiconductor SY10EP05VZI Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ECL Pro™
SY10EP05V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC —VEE
Power Supply Voltage
6V
V
VIN
Input Voltage (VCC = 0V, VI not more negative than VEE)
–6.0 to 0
V
Input Voltage (VEE = 0V, VI not more positive than VCC)
+6.0 to 0
V
IOUT
Output Current
–Continuous
50
mA
–Surge
100
TLEAD
Lead Temperature
+260
°C
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θJA
Package Thermal Resistance
–Still-Air
(SOIC)
160
°C/W
(Junction-to-Ambient)
–500lfpm (SOIC)
109
–Still-Air
(MSOP)
206
°C/W
–500lfpm (MSOP)
155
θJC
Package Thermal Resistance
(SOIC)
39
°C/W
(Junction-to-Case)
(MSOP)
39
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current(3)
22
29
24
29
22
29
mA
VOH
Output HIGH Voltage(4)
3865
3940
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Outuput LOW Voltage(4)
3050
3190
3315
3050
3255
3380
3050
3315
3440
mV
VIH
Input HIGH Voltage
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage
3065
3390
3130
3455
3190
3515
mV
VIHCMR
Input HIGH Voltage
2.0
VCC
2.0
V
CC
2.0
V
CC
V
Common Mode Range
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
0.5
0.5
0.5
µA
/D
–150
–150
–150
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
V
CC = 0V, VEE = VEE(min) to VEE(max), all other pins floating.
Note 4.
All loading with 50Ω to VCC –2.0V.
PECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 4.5V to 5.5V; VEE = 0V
(2)


Similar Part No. - SY10EP05VZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP05VZI MICREL-SY10EP05VZI Datasheet
81Kb / 6P
   5V/3.3V DIFFERENTIAL AND/NAND
SY10EP05VZITR MICREL-SY10EP05VZITR Datasheet
81Kb / 6P
   5V/3.3V DIFFERENTIAL AND/NAND
More results

Similar Description - SY10EP05VZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V Datasheet
81Kb / 6P
   5V/3.3V DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
   5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com