Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EPT20VKITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EPT20VKITR
Description  5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT20VKITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EPT20VKITR Datasheet HTML 1Page - Micrel Semiconductor SY100EPT20VKITR Datasheet HTML 2Page - Micrel Semiconductor SY100EPT20VKITR Datasheet HTML 3Page - Micrel Semiconductor SY100EPT20VKITR Datasheet HTML 4Page - Micrel Semiconductor SY100EPT20VKITR Datasheet HTML 5Page - Micrel Semiconductor SY100EPT20VKITR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ECL Pro™
SY10EPT20V
SY100EPT20V
Micrel, Inc.
M9999-021910
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
CC
Power Supply Current
20
20
20
20
mA
TRUTH TABLE
DQ
/Q
HH
L
LL
H
Open
H
L
DC ELECTRICAL CHARACTERISTICS
VCC = +3.3V ±10% or +5.0V ±10%
Symbol
Paramter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VIN
TTL Input Voltage
–0.5 to V
CC
V
IIN
TTL Input Current
–30 to +5.0
mA
IOUT
PECL Output Current
mA
–Continuous
50
–Surge
100
TLEAD
Lead Temperature
(Soldering. 20sec.)
+260
°C
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
–40 to +85
°C
Note 1.
Permanent device damage may occur if absolute maximum
ratings are exceeded. This is a stress rating only and functional
operation is not implied at conditions other than those detailed
in the operational sections of this data sheet. Exposure to
absolute maximum ratlng conditions for extended periods may
affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IIH
Input HIGH Current
20
20
20
20
µAV
IN = 2.7V
100
100
100
100
V
IN = VCC
IIL
Input LOW Current
–0.2
–0.2
–0.2
–0.2
mA
V
IN = 0.5V
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
–1.2
V
I
IN = –18mA
TTL DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5.0V ±10%
TA = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
V
OH
Output HIGH Voltage(1)
mV
10EPT
3920
4110
3980
4160
4020
4190
4090
4280
100EPT
3915
4120
3975
4120
3975
4120
3975
4120
V
OL
Output LOW Voltage(1)
mV
10EPT
3050
3350
3050
3370
3050
3370
3050
3405
100EPT
3170
3445
3190
3380
3190
3380
3190
3380
Note 1.
These values are for V
CC = 5.0V. Level Specifications will vary 1:1 with VCC.
PECL DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5.0V ±10%


Similar Part No. - SY100EPT20VKITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT20VKITR MICREL-SY100EPT20VKITR Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY100EPT20VKITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com