Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100ELT21ZI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100ELT21ZI
Description  DIFFERENTIAL PECL-to-TTL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT21ZI Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100ELT21ZI Datasheet HTML 1Page - Micrel Semiconductor SY100ELT21ZI Datasheet HTML 2Page - Micrel Semiconductor SY100ELT21ZI Datasheet HTML 3Page - Micrel Semiconductor SY100ELT21ZI Datasheet HTML 4Page - Micrel Semiconductor SY100ELT21ZI Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Precison Edge®
SY10ELT21
SY100ELT21
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +7.0
V
V
I
PECL Input Voltage
0V to V
CC+0.5
V
V
O
Voltage Applied to
–0.5 to +5.5
V
Output at HIGH State
I
O
Current Applied to
Twice the
mA
Output at LOW State
Rated I
OL
T
LEAD
Lead Temperature
+260
°C
(soldering, 20sec.)
T
store
Storage Temperature
–65 to +150
°C
T
A
Operating Temperature
–40 to +85
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TRUTH TABLE
D/D
Q
LH
L
HL
H
Open
Open
L
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
OS
Output Short Circuit Current
–80
–200
–80
–200
–80
–200
–80
–200
mA
V
OUT = 0V
I
CC
Power Supply Current
20
20
14
20
20
mA
V
OH
Output HIGH Voltage
2.5
2.5
2.5
2.5
V
I
OH = –3.0mA
2.0
2.0
2.0
2.0
V
I
OH = –15mA
V
OL
Output LOW Voltage
0.5
0.5
0.5
0.5
V
I
OL = 24mA
TTL DC ELECTRICAL CHARACTERISTICS
V
CC = 4.75V to 5.25V
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
IH
Input HIGH Current
150
150
150
150
µA
I
IL
Input LOW Current
0.5
0.5
0.5
0.5
µA
V
IH
Input HIGH Voltage(2) 10ELT
3770
4110
3830
4160
3870
4190
3940
4280
mV
100ELT
3835
4120
3835
4120
3835
4120
3835
4120
V
IL
Input LOW Voltage(2)
10ELT
3050
3500
3050
3520
3050
3520
3050
3555
mV
100ELT
3190
3525
3190
3525
3190
3525
3190
3525
V
BB
Reference Output(2)
10ELT
3570
3700
3620
3730
3650
3750
3690
3810
mV
100ELT
3620
3740
3620
3740
3620
3740
3620
3740
PECL DC ELECTRICAL CHARACTERISTICS
V
CC = 4.75V to 5.25V
NOTE:
2. These values are for V
CC = 5.0V.
Level Specifications will vary 1:1 V
CC.


Similar Part No. - SY100ELT21ZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT21ZC MICREL-SY100ELT21ZC Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY100ELT21ZCTR MICREL-SY100ELT21ZCTR Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results

Similar Description - SY100ELT21ZI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com