Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP51VZGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EP51VZGTR
Description  5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP51VZGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EP51VZGTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP51VZGTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP51VZGTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP51VZGTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP51VZGTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP51VZGTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP51VZGTR Datasheet HTML 7Page - Micrel Semiconductor SY10EP51VZGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ECL Pro®
SY10EP51V
Micrel, Inc.
M9999-060409
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current(3)
—35
40—
35
40
35
40
mA
VOH
Output HIGH Voltage(4)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Outuput LOW Voltage(4)
1350
1490
1615
1350
1555
1680
1350
1615
1740
mV
VIH
Input HIGH Voltage
2090
2415
2155
2480
2215
2540
mV
(Single-Ended)
VIL
Input LOW Voltage
1365
1690
1430
1755
1490
1815
mV
(Single-Ended)
VIHCMR
Input HIGH Voltage(5)
2.0
V
CC
2.0
V
CC
2.0
V
CC
V
Common Mode Range (Diff.)
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC. VCC can vary –0.3V to +0.5V.
Note 3.
V
CC = 0V, VEE = VEE(min.) to VEE(max.), all other pins floating.
Note 4.
All loading with 50Ω to VCC –2.0V.
Note 5.
VIHCMR(min) varies 1:1 with VEE, VIHCMR(max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
3.3V LVPECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 3.3V, VEE = 0V
(2)
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current(2)
—35
40—
35
40
35
40
mA
VOH
Output HIGH Voltage(3)
–1135
–1010
–0885
–1070
–0945
–0820
–1010
–0885
–0760
mV
VOL
Outuput LOW Voltage(3)
–1950
–1810
–1685
–1950
–1745
–1620
–1950
–1685
–1560
mV
VIH
Input HIGH Voltage
–1210
–0885
–1145
–0820
–1085
–0760
mV
VIL
Input LOW Voltage
–1935
–1610
–1870
–1545
–1810
–1485
mV
VIHCMR
Input HIGH Voltage
V
EE+2.0
0.0
V
EE+2.0
0.0
V
EE+2.0
0.0
V
Common Mode Range(4)
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
V
CC = 0V, VEE = VEE(min) to VEE(max), all other pins floating.
Note 3.
All loading with 50Ω to VCC –2.0V.
Note 4.
V
IHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
NECL/LVECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 0V, VEE = –5.5V to –3.0V


Similar Part No. - SY10EP51VZGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP51VZGTR MICREL-SY10EP51VZGTR Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results

Similar Description - SY10EP51VZGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
65Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com