Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10ELT21ZGTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10ELT21ZGTR
Description  DIFFERENTIAL PECL-to-TTL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10ELT21ZGTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10ELT21ZGTR Datasheet HTML 1Page - Micrel Semiconductor SY10ELT21ZGTR Datasheet HTML 2Page - Micrel Semiconductor SY10ELT21ZGTR Datasheet HTML 3Page - Micrel Semiconductor SY10ELT21ZGTR Datasheet HTML 4Page - Micrel Semiconductor SY10ELT21ZGTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Precision Edge®
SY10ELT21
SY100ELT21
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
8-Pin SOIC (Z8-1)
1
NC
D
D
VBB
8VCC
Q
NC
GND
7
6
5
2
3
4
PECL
TTL
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10ELT21ZC
Z8-1
Commercial
HEL21
Sn-Pb
SY10ELT21ZCTR(2)
Z8-1
Commercial
HEL21
Sn-Pb
SY100ELT21ZC
Z8-1
Commercial
XEL21
Sn-Pb
SY100ELT21ZCTR(2)
Z8-1
Commercial
XEL21
Sn-Pb
SY10ELT21ZI
Z8-1
Industrial
HEL21
Sn-Pb
SY10ELT21ZITR(2)
Z8-1
Industrial
HEL21
Sn-Pb
SY100ELT21ZI
Z8-1
Industrial
XEL21
Sn-Pb
SY100ELT21ZITR(2)
Z8-1
Industrial
XEL21
Sn-Pb
SY10ELT21ZG(3)
Z8-1
Industrial
HEL21 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10ELT21ZGTR(2, 3)
Z8-1
Industrial
HEL21 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100ELT21ZG(3)
Z8-1
Industrial
XEL21 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100ELT21ZG(TR(2, 3)
Z8-1
Industrial
XEL21 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.


Similar Part No. - SY10ELT21ZGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT21ZC MICREL-SY10ELT21ZC Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21ZCTR MICREL-SY10ELT21ZCTR Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results

Similar Description - SY10ELT21ZGTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com