Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL31ZITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL31ZITR
Description  D FLIP-FLOP WITH SET AND RESET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL31ZITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL31ZITR Datasheet HTML 1Page - Micrel Semiconductor SY100EL31ZITR Datasheet HTML 2Page - Micrel Semiconductor SY100EL31ZITR Datasheet HTML 3Page - Micrel Semiconductor SY100EL31ZITR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10EL31
SY100EL31
Micrel, Inc.
M9999-120705
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
D FLIP-FLOP
WITH SET AND RESET
PIN NAMES
Pin
Function
D
Data Inputs
Q
Data Outputs
S
Set
R
Reset
CLK
Clock Input
SY10EL31
SY100EL31
s 475ps propagation delay
s 2.8GHz toggle frequency
s Internal 75K
input pull-down resistors
s Available in 8-pin SOIC package
The SY10/100EL31 are D flip-flops with set and reset.
The devices are functionally equivalent to the E131
devices, with higher performance capabilities. With
propagation delays and output transition times
significantly faster than the E131, the EL31 is ideally
suited for those applications which require the ultimate
in AC performance.
Both the set and reset inputs are asynchronous, level
triggered signals. Data enters the master portion of the
flip-flop when the clock is LOW and is transferred to the
slave, and thus the outputs, upon a positive transition of
the clock.
TRUTH TABLE(1)
D
S
R
CLK
Q
LL
L
Z
L
HL
L
Z
H
XH
L
X
H
XL
H
X
L
X
H
H
X
Undef
NOTE:
1. Z = LOW-to-HIGH transition.
Rev.: G
Amendment: /0
Issue Date:
December 2005


Similar Part No. - SY100EL31ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL31ZC MICREL-SY100EL31ZC Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY100EL31ZCTR MICREL-SY100EL31ZCTR Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - SY100EL31ZITR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com