Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EPT20VKGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EPT20VKGTR
Description  5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT20VKGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EPT20VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY100EPT20VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY100EPT20VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY100EPT20VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY100EPT20VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY100EPT20VKGTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ECL Pro™
SY10EPT20V
SY100EPT20V
Micrel, Inc.
M9999-021910
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
tPD
Propagation Delay(1)
100
600
100
600
100
600
100
600
ps
tSKEW
Part-to-Part Skew(2)
500
500
500
500
ps
fMAX
Maximum Input Frequency
850
850
850
850
MHz
t
JITTER
Random Jitter (R
J)
(3)
2
2
0.9
2
2
psRMS
tr
Output Rise/Fall Time
200
500
200
500
200
500
200
500
ps
tf
(20% to 80%)
Note 1.
Input Rise Time < 1.0ns.
Note 2.
Guaranteed by design. Not tested in production.
Note 3.
R
J is measured with a K28.7 101010 pattern.
AC ELECTRICAL CHARACTERISTICS(1)
VCC = +3.3V ±10% or +5.0V ±10%, RL = 50Ω to VCC – 2V


Similar Part No. - SY100EPT20VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT20VKGTR MICREL-SY100EPT20VKGTR Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY100EPT20VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com