Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF505BML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF505BML
Description  850MHz and 950MHz ISM Band Transceiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 2Page - Micrel Semiconductor MICRF505BML Datasheet HTML 3Page - Micrel Semiconductor MICRF505BML Datasheet HTML 4Page - Micrel Semiconductor MICRF505BML Datasheet HTML 5Page - Micrel Semiconductor MICRF505BML Datasheet HTML 6Page - Micrel Semiconductor MICRF505BML Datasheet HTML 7Page - Micrel Semiconductor MICRF505BML Datasheet HTML 8Page - Micrel Semiconductor MICRF505BML Datasheet HTML 9Page - Micrel Semiconductor MICRF505BML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Micrel
MICRF505BML/YML
October 2006
6
M9999-103106
+1 408-944-0800
Absolute Maximum Ratings
(1)
Supply Voltage (VDD).........................................+2.7V
Voltage on any pin (GND = 0V)...... -0.3V to 2.7V
Storage Temperature (Ts) ................-55°C to +150°C
ESD Rating
(3)........................................................ 2kV
Operating Ratings
(2)
Supply voltage (VIN)............................ +2.0V to +2.5V
RF Frequencies.......................... 850MHz to 950MHz
Data Rate ................................................<200kBaud
Ambient Temperature (TA) ................–40°C to +85°C
Package Thermal Resistance
MLF
® JA) .............................................41.7°C/W
Electrical Characteristics
(4)
fRF = 915MHz. Data-rate = 125kbps, Modulation type = closed-loop VCO modulation, VDD = 2.5V; TA = 25°C, bold
values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
RF Frequency Operating Range
850
950
MHz
Power Supply
2.0
2.5
V
Power Down Current
0.3
µA
Standby Current
280
µA
VCO and PLL Section
Reference Frequency
4
40
MHz
915MHz to 915.5MHz
0.8
ms
PLL Lock Time
(5), Rx->Rx,
3kHz bandwidth
902MHz to 927MHz
1.3
ms
PLL Lock Time
(5), Rx->Rx,
20kHz bandwidth
915MHz to 915.5MHz
0.3
ms
Rx – Tx
0.9
ms
Tx – Rx
0.8
ms
Standby Rx
2.1
ms
Switch Time
(5), same frequency,
3kHz loop bandwidth
Standby Tx
2.1
ms
Crystal Oscillator Start-Up Time
16MHz, 9pF load, 5.6pF loading
capacitors
1.0
ms
VCPOUT = 1.1V, CP_HI = 0
100
125
170
µA
Charge Pump Current
VCPOUT = 1.1V, CP_HI = 1
420
500
680
µA
Transmit Section
RLOAD = 50
Ω, Pa2-0-111
10
dBm
Output Power
RLOAD = 50
Ω, Pa2-0-001
-8
dBm
Over temperature range
2
dB
Output Power Tolerance
Over power supply range
3
dB
RLOAD = 50
Ω, Pa2-0-111
28
mA
Tx Current Consumption
RLOAD = 50
Ω, Pa2-0-001
14
mA
Binary FSK Frequency
Separation
(5)
Birate = 200kbps
20
500
kHz
VCO modulation
20
200
kbps
Data Rate
(5)
Divider modulation
20
kbps


Similar Part No. - MICRF505BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF505BML MICREL-MICRF505BML Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
More results

Similar Description - MICRF505BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF505L MICREL-MICRF505L Datasheet
484Kb / 43P
   850MHz and 950MHz ISM Band Transceiver
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
MICRF506 MICREL-MICRF506_06 Datasheet
1Mb / 42P
   410MHz and 450MHz ISM Band Transceiver
MICRF506 MICREL-MICRF506 Datasheet
1Mb / 28P
   410MHz and 450MHz ISM Band Transceiver
logo
HOPE Microelectronics C...
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Micrel Semiconductor
MICRF620_0608 MICREL-MICRF620_0608 Datasheet
714Kb / 21P
   434MHz ISM Band Transceiver Module
logo
List of Unclassifed Man...
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
Micrel Semiconductor
MICRF620Z MICREL-MICRF620Z Datasheet
714Kb / 21P
   434MHz ISM Band Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com