Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF112 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF112 Datasheet HTML 1Page - Micrel Semiconductor MICRF112 Datasheet HTML 2Page - Micrel Semiconductor MICRF112 Datasheet HTML 3Page - Micrel Semiconductor MICRF112 Datasheet HTML 4Page - Micrel Semiconductor MICRF112 Datasheet HTML 5Page - Micrel Semiconductor MICRF112 Datasheet HTML 6Page - Micrel Semiconductor MICRF112 Datasheet HTML 7Page - Micrel Semiconductor MICRF112 Datasheet HTML 8Page - Micrel Semiconductor MICRF112 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MICRF112
QwikRadio® UHF ASK/FSK Transmitter
QwikRadio is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
December 2011
M9999-120911
(408) 944-0800
General Description
The MICRF112 is a high performance, easy to use, single
chip ASK / FSK Transmitter IC for remote wireless
applications in the 300 to 450MHz frequency band. This
transmitter IC is a true “data-in, antenna-out” monolithic
device.
MICRF112 is high performance in three areas: power
delivery, operating voltage, and operating temperature. In
terms of power, the MICRF112 is capable of delivering +10
dBm into a 50Ω load. This power level enables a small
form factor transmitter (lossy antenna) such as a key fob
transmitter to operate near the maximum limit of
transmission regulations. In terms of operating voltage,
the MICRF112 operates from 3.6V to 1.8V.
Many
transmitter ICs in the same frequency band stop operating
below 2.0V. The MICRF112 will work with most batteries
to the end of their useful limits. In terms of operating
temperature, the MICRF112 operates from -40°C to
+125°C. This wide operating temperature range makes
MICRF112 an ideal candidate for the demanding
applications such as a tire pressure monitoring system.
The MICRF112 is easy to use.
One only needs a
reference frequency (RF carrier frequency divided by 32
times) generated from a crystal with a few additional
external parts to create a complete versatile transmitter.
The MICRF112 operates with ASK/OOK (Amplitude Shift
Keying/On-Off Keyed) UHF receiver types from wide-band
super-regenerative
radios
to
narrow-band,
high
performance
super-heterodyne
receivers.
The
MICRF112’s maximum ASK data rate is 50kbps
(Manchester Encoding). It operates with FSK receivers as
well. The chip is designed to support narrow band FSK
(Frequency Shift Modulation) by switching an external
capacitor in parallel with the reference crystal. The
MICRF112’s maximum FSK data rate is 10kbps.
Features
 Complete UHF transmitter
 Frequency range 300MHz to 450MHz
 Data rates up to 50kbps ASK, 10kbps FSK
 Output Power to 10dBm
 Low external part count
 Low standby current <1µA
 Low voltage operation (down to 1.8V)
 Operate with crystals or ceramic resonators
Applications
 Remote Keyless Entry Systems (RKE)
 Remote Control (STB, HVAC and Appliances)
 Garage Door Opener Transmitters
 Remote Sensor Data Links
 Infrared Transmitter Replacement
 Tire Pressure Monitor System (TPMS)
Ordering Information
Part Number
Temp. Range
Package
MICRF112YMM10
–40°C to +125°C
10-Pin MSOP


Similar Part No. - MICRF112

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112 Datasheet
527Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112 MICREL-MICRF112 Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM MICREL-MICRF112YMM Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
527Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
More results

Similar Description - MICRF112

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112YMMTR MICREL-MICRF112YMMTR Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112 MICREL-MICRF112 Datasheet
527Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com