Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE82C Datasheet(PDF) 4 Page - WILLAS ELECTRONIC CORP

Part # 1.5KE82C
Description  REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1.5KE82C Datasheet(HTML) 4 Page - WILLAS ELECTRONIC CORP

  1.5KE82C Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1.5KE82C Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1.5KE82C Datasheet HTML 3Page - WILLAS ELECTRONIC CORP 1.5KE82C Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WILLAS ELECTRONIC CORP.
2011-05
Pb Free Product
WILLAS
TVS
1.5KE
SERIES
GPP TRANSIENT VOLTAGE SUPPRESSOR
PEAK PULSE POWER 1500 WATTS
REVERSE VOLTAGE 6.8 to 600 Volts
Uni-polar
Bi-polar
Min (V)
Max (V)
IT (mA)
Maximum
Reverse
Surge
Current
Ipp(A)
@10x1000us
sinewave
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
1.5KE SERIES
Breakdown voltage VBR @
IT
Maximum
Reverse
Leakage
IR(uA)
@VRWM
Working
PeakRevers
e Voltage
VRWM
(Volts)
1.5KE110
1.5KE110C
99.00
121.0
1
5
89.2
9.49
158
1.5KE110A 1.5KE110CA
104.5
115.5
1
5
94.0
9.87
152
1.5KE120
1.5KE120C
108.0
132.0
1
5
97.2
8.67
173
1.5KE120A 1.5KE120CA
114.0
126.0
1
5
102
9.09
165
1.5KE130
1.5KE130C
117.0
143.0
1
5
105
8.02
187
1.5KE130A 1.5KE130CA
123.5
136.5
1
5
111
8.38
179
1.5KE150
1.5KE150C
135.0
165.0
1
5
121
6.98
215
1.5KE150A 1.5KE150CA
142.5
157.5
1
5
128
7.25
207
1.5KE160
1.5KE160C
144.0
176.0
1
5
130
6.52
230
1.5KE160A 1.5KE160CA
152.0
168.0
1
5
136
6.85
219
1.5KE170
1.5KE170C
153.0
187.0
1
5
138
6.15
244
1.5KE170A 1.5KE170CA
161.5
178.5
1
5
145
6.41
234
1.5KE180
1.5KE180C
162.0
198.0
1
5
146
5.81
258
1.5KE180A 1.5KE180CA
171.0
189.0
1
5
154
6.10
246
1.5KE200
1.5KE200C
180.0
220.0
1
5
162
5.23
287
1.5KE200A 1.5KE200CA
190.0
210.0
1
5
171
5.47
274
1.5KE220
1.5KE220C
198.0
242.0
1
5
175
4.36
344
1.5KE220A 1.5KE220CA
209.0
231.0
1
5
185
4.57
328
1.5KE250
1.5KE250C
225.0
275.0
1
5
202
4.17
360
1.5KE250A 1.5KE250CA
237.5
262.5
1
5
214
4.36
344
1.5KE300
1.5KE300C
270.0
330.0
1
5
243
3.49
430
1.5KE300A 1.5KE300CA
285.0
315.0
1
5
256
3.62
414
1.5KE350
1.5KE350C
315.0
385.0
1
5
284
2.98
504
1.5KE350A 1.5KE350CA
332.5
367.5
1
5
299
3.11
482
1.5KE380
1.5KE380C
342.0
418.0
1
5
309
2.74
547
1.5KE380A 1.5KE380CA
361.0
399.0
1
5
325
2.86
524
1.5KE400
1.5KE400C
360.0
440.0
1
5
325
2.60
576
1.5KE400A 1.5KE400CA
380.0
420.0
1
5
342
2.72
552
1.5KE440
1.5KE440C
396.0
484.0
1
5
357
2.37
634
1.5KE440A 1.5KE440CA
418.0
462.0
1
5
376
2.47
607
1.5KE500
1.5KE500C
450.0
550.0
1
5
406
2.08
720
1.5KE500A 1.5KE500CA
475.0
525.0
1
5
428
2.17
690
1.5KE520
1.5KE520C
468.0
572.0
1
5
422
2.00
749
1.5KE520A 1.5KE520CA
494.0
546.0
1
5
445
2.09
718
1.5KE550
1.5KE550C
495.0
605.0
1
5
447
1.89
792
1.5KE550A 1.5KE550CA
522.5
577.5
1
5
470
1.98
759
1.5KE600
1.5KE600C
540.0
660.0
1
5
487
1.74
864
1.5KE600A 1.5KE600CA
570.0
630.0
1
5
513
1.81
828
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device.
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .
4. For Uni-directional devices VF max=3.5v at IF=25 A 300us square wave pulse.


Similar Part No. - 1.5KE82C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE82C TRSYS-1.5KE82C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE82C LUGUANG-1.5KE82C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DAESAN ELECTRONIC CORP.
1.5KE82C DAESAN-1.5KE82C Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE82C WTE-1.5KE82C Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE82C LUGUANG-1.5KE82C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE82C

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Shenzhen Luguang Electr...
1N6267 LUGUANG-1N6267 Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Microdiode Electronics ...
P6KE6.8 CHENDA-P6KE6.8 Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com