Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC68220YML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC68220YML
Description  Dual 2A LDO Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC68220YML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC68220YML Datasheet HTML 1Page - Micrel Semiconductor MIC68220YML Datasheet HTML 2Page - Micrel Semiconductor MIC68220YML Datasheet HTML 3Page - Micrel Semiconductor MIC68220YML Datasheet HTML 4Page - Micrel Semiconductor MIC68220YML Datasheet HTML 5Page - Micrel Semiconductor MIC68220YML Datasheet HTML 6Page - Micrel Semiconductor MIC68220YML Datasheet HTML 7Page - Micrel Semiconductor MIC68220YML Datasheet HTML 8Page - Micrel Semiconductor MIC68220YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel
MIC68220
September 2010
5
M9999-092310-C
Ordering Information
Part Number
Output
Current
Voltage
Junction
Temperature Range
Package
MIC68220YML
2.0A
ADJ
–40°C to +125°C
PB-Free 20-Pin 4x5 MLF®
Notes
For additional voltage options, contact Micrel Marketing.
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
20-Pin 4mm x 5mm MLF
® (ML)


Similar Part No. - MIC68220YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220YML MICREL-MIC68220YML Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
More results

Similar Description - MIC68220YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
logo
Diodes Incorporated
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
   2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
   2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
   2A CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
   2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com