Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZL4146 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # FZL4146
Description  Quad Driver Incl. Short-Circuit Signaling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FZL4146 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button FZL4146 Datasheet HTML 3Page - Siemens Semiconductor Group FZL4146 Datasheet HTML 4Page - Siemens Semiconductor Group FZL4146 Datasheet HTML 5Page - Siemens Semiconductor Group FZL4146 Datasheet HTML 6Page - Siemens Semiconductor Group FZL4146 Datasheet HTML 7Page - Siemens Semiconductor Group FZL4146 Datasheet HTML 8Page - Siemens Semiconductor Group FZL4146 Datasheet HTML 9Page - Siemens Semiconductor Group FZL4146 Datasheet HTML 10Page - Siemens Semiconductor Group FZL4146 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FZL 4146
Semiconductor Group
7
Notes: 5) Loading may lead to degradation and thus to a shift of the switching threshold at W.
Unfrequent loading leads to a deviation of approx. 20 mV.
6) Related to GND; the GND pins are connected with the chip carrier via the leadframe.
7) If it can be prooved with samples.
8) During normal operation, the failure rate is
≤ 100 fit acc. to SN 29500 at a junction
temperature of 75
°C.
Current in SQ
Current in W
Current in W
I
SQ
I
W
I
W
– 3
– 5
– 10
8
5
10
mA
mA
mA
Output low
1 ms, 50 ms
interval 5)
10
µs, 500 µs
interval 5)
Junction temperature
Storage temperature
Therm. resistance,
system-ambient
Therm. resistance,
system-packag.
T
j
T
stg
R
th SA
R
th SP
– 40
– 50
150
150
95
25
°C
°C
K/W
K/W
6)
ESD strength acc. to MIL -
hrs. 883 Meth. 3015
(100 pF/1.5 k
Ω,
5 discharges/polarity)
V
ESD
– 2
2
kV
Burst strength of the inputs/
outputs Q and W connected to
the power transistors (in acc.
with IEC publ. 801-4)
V
Burst
300
V
7)
Junction temperature in normal
operation during 15 years with
100 % ED
T
j15
125
°C
8)
Absolute Maximum Ratings (cont’d)
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.


Similar Part No. - FZL4146

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FZL4146 INFINEON-FZL4146 Datasheet
408Kb / 14P
   Quad Driver Incl. Short-Circuit Signaling
03.96
FZL4146G INFINEON-FZL4146G Datasheet
408Kb / 14P
   Quad Driver Incl. Short-Circuit Signaling
03.96
More results

Similar Description - FZL4146

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FZL4145D SIEMENS-FZL4145D Datasheet
109Kb / 10P
   Quad Driver Incl. Short-Circuit Signaling
logo
Infineon Technologies A...
FZL4146 INFINEON-FZL4146 Datasheet
408Kb / 14P
   Quad Driver Incl. Short-Circuit Signaling
03.96
logo
List of Unclassifed Man...
LH1263 ETC1-LH1263 Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP_07 Datasheet
304Kb / 19P
   Smart Quad Low-Side Switch Short Circuit Protection
V2.1 2007-05-03
logo
NEC
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16878 NEC-UPD16878 Datasheet
242Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16877 NEC-UPD16877 Datasheet
74Kb / 6P
   MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16833A NEC-UPD16833A Datasheet
90Kb / 12P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com