Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC69303YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC69303YML
Description  Single Supply VIN, Low VIN, Low VOUT, 3ALDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69303YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC69303YML Datasheet HTML 1Page - Micrel Semiconductor MIC69303YML Datasheet HTML 2Page - Micrel Semiconductor MIC69303YML Datasheet HTML 3Page - Micrel Semiconductor MIC69303YML Datasheet HTML 4Page - Micrel Semiconductor MIC69303YML Datasheet HTML 5Page - Micrel Semiconductor MIC69303YML Datasheet HTML 6Page - Micrel Semiconductor MIC69303YML Datasheet HTML 7Page - Micrel Semiconductor MIC69303YML Datasheet HTML 8Page - Micrel Semiconductor MIC69303YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC69301/2/3
March 2011
4
M9999-032111-F
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN to GND) .................. –0.3V to +6V
Logic Input Voltage (VEN to GND). .......–0.3V to (VIN + 0.3V)
Fault Flag(VFLG to GND ..................................... –0.3V to 6V
Storage Temperature (TS).........................–65°C to +125°C
Lead Temperature(TS) .............................................. 260°C
ESD
(4) ............................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)....................................... 1.65V to 5.5V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Power Dissipation (PD)........................... Internally Limited
(3)
Package Thermal Resistance
S-PAK-5 (
θJC).......................................................2°C/W
S-PAK-5 (
θJA).....................................................38°C/W
TO-263-5 (
θJC) .....................................................2°C/W
ePad SOIC-8 (
θJA) .............................................41°C/W
4x4 MLF-12L(θJA) .............................................60°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VOUT + 1V; bold values indicate –40°C< TJ < +125°C; IOUT = 10mA; COUT = 10µF ceramic, unless noted.
Parameter
Test Conditions
Min
Typ
Max
Unit
Power Input Supply
Input Voltage Range (VIN)
1.65
5.5
V
IOUT = 10mA
1.2
5
mA
IOUT = 1.5A
12
30
mA
Ground Pin Current
IOUT = 3.0A
32
75
mA
Ground Pin Current in Shutdown
VEN = 0V; VIN = 2.0V; VOUT = 0V
1
µA
Output Voltage
Output Voltage (Fixed)
-2.0
2.0
%
Load Regulation
IOUT = 10mA to 3A
±0.3
%
Line Regulation
(5)
VIN = VOUT + 1.0V to 5.5V
0.2
0.3
%/V
Reference (Adjustable)
Feedback Reference Voltage
(ADJ Pin)
(+/- 2.0%)
0.490
0.5
0.510
V
Feedback Bias Current
VADJ = 0.5V
0.25
1.0
µA
Current Limit
Current Limit
VOUT = 0V
3.3
5.2
A
Power Dropout Voltage
IOUT = 1.5A
200
300
mV
Dropout Voltage (VIN - VOUT)
(6)
IOUT = 3.0A
275
500
mV
Enable Input
Regulator Enabled
0.8
0.57
V
Enable Input Threshold
Regulator Shutdown
0.2
V
VEN ≤ 0.2V ( Regulator Shutdown)
0.0
µA
Enable Pin Bias Current
VEN ≥ 0.8V ( Regulator Enabled)
7.0
µA
Turn-on Time
90% of typical VOUT; VEN = VIN
10
150
µs
Fault Output
Fault Threshold Voltage
% of VOUT below nominal output
(VOUT Falling)
7.5
10
14
%
Fault Hysteresis
2.0
%
Fault Output Low Voltage
IFLG = 250μA (sinking), VEN = 0V
150
mV


Similar Part No. - MIC69303YML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC69303YML-TR MICROCHIP-MIC69303YML-TR Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
More results

Similar Description - MIC69303YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
   5A, Low VIN, Low VOUT uCap LDO Regulator
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
   Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
[Old version datasheet]   500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
logo
Micrel Semiconductor
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com