Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28510YJL Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC28510YJL
Description  75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28510YJL Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC28510YJL Datasheet HTML 1Page - Micrel Semiconductor MIC28510YJL Datasheet HTML 2Page - Micrel Semiconductor MIC28510YJL Datasheet HTML 3Page - Micrel Semiconductor MIC28510YJL Datasheet HTML 4Page - Micrel Semiconductor MIC28510YJL Datasheet HTML 5Page - Micrel Semiconductor MIC28510YJL Datasheet HTML 6Page - Micrel Semiconductor MIC28510YJL Datasheet HTML 7Page - Micrel Semiconductor MIC28510YJL Datasheet HTML 8Page - Micrel Semiconductor MIC28510YJL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Micrel, Inc.
MIC28510
March 2012
4
M9999-030912-A
Absolute Maximum Ratings
(1)
PVIN to PGND................................................ 0.3V to +76V
FS to PGND ....................................................
0.3V to PVIN
PVDD, VDD to PGND......................................... 0.3V to +6V
VSW, VCS to PGND ..............................0.3V to (PVIN +0.3V)
VBST to VSW ........................................................ 0.3V to 6V
VBST to PGND .................................................. 0.3V to 82V
VEN to PGND ......................................0.3V to (VDD + 0.3V)
VFB to PGND.......................................0.3V to (VDD + 0.3V)
PGND to SGND ...........................................
0.3V to +0.3V
Junction Temperature (TJ) ....................................... +150°C
Storage Temperature (TS).........................65C to +150C
Lead Temperature (soldering, 10s)............................ 260°C
ESD Rating
(2)..............................................................1000V
Operating Ratings
(3)
Supply Voltage (PVIN) ....................................... 4.5V to 75V
Bias Voltage (PVDD, VDD).................................. 4.5V to 5.5V
Enable Input (VEN)................................................. 0V to VDD
Junction Temperature (TJ) ........................ 40C to +125C
Maximum Power Dissipation......................................Note 4
Package Thermal Resistance
(4)
5mm x 6mm MLF
® (JA) ....................................36C/W
Electrical Characteristics
(5)
PVIN = VFS = 48V, VDD = 5V; VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate 40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range ( PVIN)
4.5
75
V
FS Voltage Range
2
75
V
VDD Bias Voltage
Operating Bias Voltage (VDD)
4.5
5
5.5
V
Undervoltage Lockout Trip Level
VDD Rising
3.2
3.85
4.45
V
UVLO Hysteresis
380
mV
Quiescent Supply Current (IVDD)
VFB = 1.5V
1.4
3
mA
Shutdown Supply Current (IVDD)
VDD = VBST = 5.5V, VIN = 48V
SW = unconnected, VEN = 0V
0.7
2
mA
Reference
0°C ≤ TJ ≤ 85°C (±1.0%)
0.792
0.8
0.808
Feedback Reference Voltage
40°C ≤ TJ ≤ 125°C (±1.5%)
0.788
0.8
0.812
V
Load Regulation
IOUT = 0A to 4A
0.04
%
Line Regulation
PVIN = 4.5 to 75V
0.1
%
FB Bias Current
VFB = 0.8V
-0.5
0.005
0.5
µA
Enable Control
EN Logic Level High
4.5V < VDD < 5.5V
1.2
V
EN Logic Level Low
4.5V < VDD < 5.5V
0.4
V
EN Bias Current
VEN = 0V
50
100
µA
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
3.
The device is not guaranteed to function outside operating range.
4.
PD(MAX) = (TJ(MAX) – TA)/ JA, where JA depends upon the printed circuit layout. See “Applications Information.”
5.
Specification for packaged product only.


Similar Part No. - MIC28510YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510 MICREL-MIC28510 Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
More results

Similar Description - MIC28510YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
   75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com