Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC47050YMT Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC47050YMT
Description  500mA ULDO??with Low Input and Low Output Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC47050YMT Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC47050YMT Datasheet HTML 7Page - Micrel Semiconductor MIC47050YMT Datasheet HTML 8Page - Micrel Semiconductor MIC47050YMT Datasheet HTML 9Page - Micrel Semiconductor MIC47050YMT Datasheet HTML 10Page - Micrel Semiconductor MIC47050YMT Datasheet HTML 11Page - Micrel Semiconductor MIC47050YMT Datasheet HTML 12Page - Micrel Semiconductor MIC47050YMT Datasheet HTML 13Page - Micrel Semiconductor MIC47050YMT Datasheet HTML 14Page - Micrel Semiconductor MIC47050YMT Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel, Inc.
MIC47050
April 2012
11
M9999-040312-B
Power Good (PGOOD)
The Power Good (PGOOD) pin is an open drain output
that goes low when the output voltage (fixed version)
drops below the PGOOD threshold voltage.
The pull-up resistor value should be large enough to
guarantee a proper “low” voltage when the PGOOD pin
pulls low. The PGOOD low voltage is typically 0.1V at
250µA current. A 10kΩ resistor or
greater
is
recommended when pulling up to 3.3V bias.
If the PGOOD function is not required, the PGOOD pin
may be left unconnected.
Thermal Shutdown
The MIC47050 has an internal over-temperature
protection feature. This feature is for protection only.
The device should never be intentionally operated near
this temperature as this may reduce long term reliability.
The device will turn off when the over-temperature
threshold is exceeded. A 20°C hysteresis is built in to
allow the device to cool before turning back on.
Thermal Considerations
The MIC47050 is designed to provide 0.5A of continuous
current in a very small package. Maximum ambient
operating temperature can be calculated based on the
output current and the voltage drop across the part.
Given that the input voltage is 1.8V, the output voltage is
1.2V and the output current is 0.5A. The actual power
dissipation of the regulator circuit can be determined
using the equation:
BIAS
I
BIAS
V
GND
I
IN
V
OUT
I
OUT
V
IN
V
D
P
Because this device is CMOS, the ground current is
insignificant for power dissipation and can be ignored for
this calculation.

0.3W
0.5A
1.2V
1.8V
D
P
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
JA
Θ
A
T
J(MAX)
T
D(MAX)
P
TJ(MAX) = 125°C, the maximum junction temperature of
the die.
θJA thermal resistance = 90°C/W.
Table 1 shows junction-to-ambient thermal resistance for
the MIC47050 in the MLF
® or Thin MLF® package.
Package
θJA Recommended
Min. Footprint
θJC
6-pin 2mm x 2mm MLF
®
90°C/W
45°C/W
6-pin 2mm x 2mm
Thin MLF
®
90°C/W
45°C/W
Table 1. Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint is
90°C/W. The maximum power dissipation must not be
exceeded for proper operation. For example, when
operating the MIC47050-1.2YML at an input voltage of
1.8V and a 0.5A load with a minimum footprint layout,
the maximum ambient operating temperature TA can be
determined as follows:
C
98
A
T
0.3W
C/W
90
C
125
A
T
D(MAX)
P
JA
Θ
J(MAX)
T
A
T
Therefore, a 1.2V application with 0.5A of output current
can accept an ambient operating temperature of 98°C in
a 2mm x 2mm MLF
® or Thin MLF® package.
Thermal Measurements
Measuring the IC’s case temperature is recommended to
insure it is within its operating limits. Although this might
seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heatsink, resulting in a
lower case measurement.
Two methods of temperature measurement are using a
smaller thermal couple wire or an infrared thermometer.
If a thermal couple wire is used, it must be constructed
of 36 gauge wire or higher (smaller wire size) to
minimize the wire heat-sinking effect.


Similar Part No. - MIC47050YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC47050YML MICREL-MIC47050YML Datasheet
494Kb / 14P
   500mA ULDO with Low Input and Low Output Voltage
More results

Similar Description - MIC47050YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC47050 MICREL-MIC47050 Datasheet
494Kb / 14P
   500mA ULDO with Low Input and Low Output Voltage
MIC5357 MICREL-MIC5357 Datasheet
470Kb / 11P
   High Performance, Low Noise Dual 500mA ULDO?
logo
List of Unclassifed Man...
L1581 ETC-L1581 Datasheet
116Kb / 6P
   Dual Input Ultra Low Dropout Voltage Regulator (ULDO)
logo
Maxim Integrated Produc...
MAX1589 MAXIM-MAX1589_07 Datasheet
301Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Rev 2; 10/07
MAX1589 MAXIM-MAX1589 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
logo
Monolithic Power System...
MP2002 MPS-MP2002 Datasheet
368Kb / 11P
   Low Input Voltage 500mA Linear Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1589A MAXIM-MAX1589A Datasheet
376Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589AETT250-T MAXIM-MAX1589AETT250-T Datasheet
382Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
logo
Semtech Corporation
SC1540 SEMTECH-SC1540 Datasheet
64Kb / 4P
   300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com