Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC37502BR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC37502BR
Description  5A, Low Voltage 關Cap LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37502BR Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC37502BR Datasheet HTML 1Page - Micrel Semiconductor MIC37502BR Datasheet HTML 2Page - Micrel Semiconductor MIC37502BR Datasheet HTML 3Page - Micrel Semiconductor MIC37502BR Datasheet HTML 4Page - Micrel Semiconductor MIC37502BR Datasheet HTML 5Page - Micrel Semiconductor MIC37502BR Datasheet HTML 6Page - Micrel Semiconductor MIC37502BR Datasheet HTML 7Page - Micrel Semiconductor MIC37502BR Datasheet HTML 8Page - Micrel Semiconductor MIC37502BR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC37501/37502
May 2011
4
M9999-050511-B
Notes:
1. Exceeding the ratings in the “Absolute Maximum Ratings” section may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. PD(max) = (TJ(max) – TA) / θJC, where θJC depends upon the printed circuit layout. See “Applications Information” section.
5. Specification for packaged product only
6. VDO = VIN – VOUT when VOUT decreased to 98% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 1.75V,
dropout voltage specification does not apply dut to a minimum input operating voltage of 2.3V.
7. IGND is the quiescent current. IIN = IGND + IOUT.
8. For a 2.5V device, VIN = 2.3V (device is in dropout).


Similar Part No. - MIC37502BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37502BR MICREL-MIC37502BR Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37502BR MICREL-MIC37502BR Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37502BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
   1.5A, Low-Voltage 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com