Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23153 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC23153
Description  4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23153 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC23153 Datasheet HTML 1Page - Micrel Semiconductor MIC23153 Datasheet HTML 2Page - Micrel Semiconductor MIC23153 Datasheet HTML 3Page - Micrel Semiconductor MIC23153 Datasheet HTML 4Page - Micrel Semiconductor MIC23153 Datasheet HTML 5Page - Micrel Semiconductor MIC23153 Datasheet HTML 6Page - Micrel Semiconductor MIC23153 Datasheet HTML 7Page - Micrel Semiconductor MIC23153 Datasheet HTML 8Page - Micrel Semiconductor MIC23153 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel Inc.
MIC23153
September 2011
4
M9999-092211-B
Typical Characteristics
Efficiency v s. Output Current
VOUT = 1.8V @ 25°C
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
1
10
100
1000
10000
OUT PUT CURRENT (mA)
Efficiency v s. Output Current
VOUT = 3.3V @ 25°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
1
10
100
1000
10000
OUT PUT CURRENT (mA)
VOUT Rise Tim e
vs. CSS
1
10
100
1000
10000
100000
1000000
100
1000
10000
100000 1000000
CSS (pF)
Current Lim it
v s. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VO LT AGE (V)
Shutdown Current
v s. Input Voltage
0
5
10
15
20
25
30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VO LT AG E (V)
Line Regulation
(Low Loads)
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLT AG E (V)
Line Regulation
(High Loads)
1.70
1.75
1.80
1.85
1.90
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLT AG E (V)
Output Voltage v s.
Output Current (HLL)
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
0
0.02
0.04
0.06
0.08
0.1
O UT PUT CURRENT (A)
Output Voltage v s.
Output Current (CCM)
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9
O UT PUT CURRENT (A)
Output Voltage
v s. Tem perature
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
-40 -20
0
20
40
60
80 100 120
T EM PERAT URE (°C)
PG Delay Tim e
v s. Input Voltage
0
10
20
30
40
50
60
70
80
90
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VO LT AGE (V)
PG Thresholds
v s. Input Voltage
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
91%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VO LT AG E (V)
VIN = 4.2V
VIN = 5V
VIN = 5.5V
VIN = 3.6V
VIN = 3.6V
VIN = 5V
VIN = 3V
IOUT = 130mA
IOUT = 1mA
IOUT = 20mA
TCASE = 25°C
TCASE = 25°C
IOUT = 300mA
IOUT = 1A
VIN = 3.6V
VIN = 3.6V
PG Rising
PG Falling
PG Rising
PG Falling
ILOAD = 20mA


Similar Part No. - MIC23153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
logo
Microchip Technology
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
   4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
logo
Micrel Semiconductor
MIC23153-GYMT MICREL-MIC23153-GYMT Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
logo
Microchip Technology
MIC23153-GYMT-TR MICROCHIP-MIC23153-GYMT-TR Datasheet
3Mb / 26P
   4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
logo
Micrel Semiconductor
MIC23153YMT MICREL-MIC23153YMT Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
More results

Similar Description - MIC23153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
   3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC33153 MICREL-MIC33153 Datasheet
950Kb / 17P
   4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
MIC23158 MICREL-MIC23158 Datasheet
972Kb / 20P
   3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23158 MICREL-MIC23158_13 Datasheet
943Kb / 21P
   3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com