Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC22400 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC22400
Description  4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22400 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC22400_11 Datasheet HTML 1Page - Micrel Semiconductor MIC22400_11 Datasheet HTML 2Page - Micrel Semiconductor MIC22400_11 Datasheet HTML 3Page - Micrel Semiconductor MIC22400_11 Datasheet HTML 4Page - Micrel Semiconductor MIC22400_11 Datasheet HTML 5Page - Micrel Semiconductor MIC22400_11 Datasheet HTML 6Page - Micrel Semiconductor MIC22400_11 Datasheet HTML 7Page - Micrel Semiconductor MIC22400_11 Datasheet HTML 8Page - Micrel Semiconductor MIC22400_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Micrel, Inc.
MIC22400
June 2011
2
M9999-061511-F
Ordering Information
Part Number
Voltage
Junction Temperature Range
Package
Lead Finish
MIC22400YML
Adjustable
–40° to +125°C
20-Pin 3x4 MLF
®*
Pb-Free
MIC22400YTSE**
Adjustable
–40° to +125°C
20-Pin e-TSSOP
Pb-Free
Notes:
*
MLF is a Green RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
**
Contact Micrel Marketing for YTSE availability.
Pin Configuration
20-Pin 3mm x 4mm MLF
® (ML)
20-Pin e-TSSOP (TS)
Pin Description
Pin Number
MLF-20
Pin Number
e-TSSOP-20
Pin Name
Description
1
4
POR
Power-On-Reset (Output): Open-drain output device indicates when the output is
out of regulation and is active after the delay set by the DELAY pin.
2
5
CF
Adjustable frequency with external capacitor. Refer to table on page 12.
3, 5, 9
7, 12, 19
NC
Not connected internally.
4
6
COMP
Compensation pin (Input): Place a RC to GND to compensate the device, see
applications section.
6
8
FB
Feedback (Input): Input to the error amplifier, connect to the external resistor
divider network to set the output voltage.
7
9
SGND
Signal Ground (Signal): Ground
8
10
SVIN
Signal Power Supply Voltage (Input): Requires bypass capacitor to GND.
10, 17
11, 20
PVIN
Power Supply Voltage (Input): Requires bypass capacitor to GND.
11, 16
13, 18
PGND
Power Ground (Signal): Ground
12, 13, 14, 15
14, 15, 16, 17
SW
Switch (Output): Internal power MOSFET output switches.


Similar Part No. - MIC22400_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400_10 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
More results

Similar Description - MIC22400_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400_10 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22200 MICREL-MIC22200 Datasheet
1Mb / 22P
   2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
MIC22950 MICREL-MIC22950 Datasheet
1Mb / 22P
   10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
International Rectifier
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com