Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC22705 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC22705
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC22705 Datasheet HTML 1Page - Micrel Semiconductor MIC22705 Datasheet HTML 2Page - Micrel Semiconductor MIC22705 Datasheet HTML 3Page - Micrel Semiconductor MIC22705 Datasheet HTML 4Page - Micrel Semiconductor MIC22705 Datasheet HTML 5Page - Micrel Semiconductor MIC22705 Datasheet HTML 6Page - Micrel Semiconductor MIC22705 Datasheet HTML 7Page - Micrel Semiconductor MIC22705 Datasheet HTML 8Page - Micrel Semiconductor MIC22705 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Micrel, Inc.
MIC22705
March 2011
4
M9999-033111-A
Absolute Maximum Ratings
(1, 2)
PVIN to PGND.................................................... –0.3V to 6V
SVIN to PGND..................................................–0.3V to PVIN
VSW to PGND...................................................–0.3V to PVIN
VEN/DLY to PGND .............................................. -0.3V to PVIN
VPG to PGND ...................................................–0.3V to PVIN
Junction Temperature ................................................ 150°C
PGND to SGND ............................................. –0.3V to 0.3V
Storage Temperature Range ....................–65°C to +150°C
Lead Temperature (soldering, 10s)............................ 260°C
Operating Ratings
(3)
Supply Voltage ................................................. 2.9V to 5.5V
Power Good Voltage (VPG)...................................0V to PVIN
Enable Input (VEN/DLY)...........................................0V to PVIN
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
4mm x 4mm MLF
®-24 (θJC)................................14°C/W
4mm x 4mm MLF
®-24 (θJA)................................40°C/W
Electrical Characteristics
(4)
SVIN = PVIN = VEN/DLY = 3.3V, VOUT = 1.8V, TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Input Supply
Input Voltage Range (PVIN)
2.9
5.5
V
Undervoltage Lockout Trip Level
PVIN Rising
2.55
2.75
2.9
V
UVLO Hysteresis
420
mV
Quiescent Supply Current
VFB = 0.9V (not switching)
0.85
1.3
mA
Shutdown Current
VEN/DLY = 0V
5
10
µA
Reference
Feedback Reference Voltage
0.686
0.7
0.714
V
Load Regulation
IOUT = 100mA to 7A
0.2
%
Line Regulation
VIN = 2.9V to 5.5V; IOUT = 100mA
0.2
%
FB Bias Current
VFB = 0.5V
10
nA
Enable Control
EN/DLY Threshold Voltage
1.14
1.24
1.34
V
EN Hysteresis
10
mV
EN/DLY Bias Current
VEN/DLY = 0.5V; VIN = 2.9V and VIN = 5.5V
0.7
1.0
1.3
µA
RC Ramp Control
RC Pin Source Current
VRC = 0.35V
0.7
1.0
1.3
µA
Oscillator
Switching Frequency
0.8
1.0
1.2
MHz
Maximum Duty Cycle
VFB ≤ 0.5V
100
%
Short-Current Protection
Current Limit
VFB = 0.5V
7
11
21
A
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended.
3.
The device is not guaranteed to function outside its operating rating.
4.
Specification for packaged product only.


Similar Part No. - MIC22705

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705YML MICREL-MIC22705YML Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705YML MICREL-MIC22705YML Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results

Similar Description - MIC22705

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com