Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMF-S-124LM Datasheet(PDF) 2 Page - Tyco Electronics

Part # OMF-S-124LM
Description  20A Miniature Power PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OMF-S-124LM Datasheet(HTML) 2 Page - Tyco Electronics

  OMF-S-124LM Datasheet HTML 1Page - Tyco Electronics OMF-S-124LM Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
467
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram
Outline Dimensions
Operating Voltage
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OMIF
-S
-1
24
L
M
,300
1. Basic Series:
OMIF = 20A PC Board Terminals
2. Enclosure:
S = Vented (Flux-tight)* plastic cover
3. Termination:
1 = 1 pole
4. Coil Voltage:
12 = 12VDC
18 = 18VDC
24= 24VDC
5. Coil Input:
L = Sensitive (540mW)
6. Contact Arrangement:
M = 1 Form A, SPST-NO
7. Suffix:
,300 = Standard model
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Coil Power (W)
Release Time
Operate Time
-40 -20
Ambient Temp. (
°C)
20
0
20 40 60
80 100
40
60
80
100
120
140
160
0
180
120 140
Operating
Votage Range
Pick-Up Voltage
Cool Coil
Hot Coil Applied
Maximum
Allowable
Coil Voltage
8A
13A-16A
100
Contact Current (A)
10
1
0
2
46
8
10 12
14
16 18
20
240VAC Resistive
13A-16A
0A-8A
.024
c – .004
(.60 – .1)
.098– .008
(2.50 – .2)
.020
(.5)
.189 – .012
(4.8 – .3)
1.14 – .02
(29.0 – .5)
.300 – .010
(7.6 – .25)
.787 – .010
(20.0 – .25)
.496 – .012
(12.6 – .3)
.020
(.5)
.134
(3.4)
.224
(5.70)
.25
(6.35)
.039
(1.0)
.039
(1.0)
1.00 – .010
(25.4 – .25)
.138 – .010
(3.5 – .25)
.142 – .004
(3.60 – .1)
.075 – .008
(1.90 – .2)
.964 – .012
(24.5 – .3)
.266 – .012
(6.75 – .3)
.020
(.5)
.092 – .012
(2.35 – .3)
.126
(3.2)
.187
(4.75)
.061 DIA
(1.55)
.300
± .004
(7.6
± .1)
.787
± .004
(20.0
± .1)
.138
± .004
(3.5
± .1)
2 – .059 DIA
(1.5)
2 – .047 DIA
(1.2)
Note: This data is based on the max. allowable
temperature for E type insulation coil (115
°C).
(Top View)
(Bottom View)
None at present.
Our authorized distributors are more likely to stock the following items for immediate delivery.


Similar Part No. - OMF-S-124LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMF-S-203DB ETC-OMF-S-203DB Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
OMF-S-203DM ETC-OMF-S-203DM Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
OMF-S-205DB ETC-OMF-S-205DB Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
OMF-S-205DM ETC-OMF-S-205DM Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
OMF-S-206DB ETC-OMF-S-206DB Datasheet
11Mb / 24P
   MINIATURE HIGH PERFORMANCE LOW COST STZ RELAY
More results

Similar Description - OMF-S-124LM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OMIF-S-124LM MACOM-OMIF-S-124LM Datasheet
166Kb / 2P
   20A Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com