Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5373-MG4YMT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5373-MG4YMT
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373-MG4YMT Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5373-MG4YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5373-MG4YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5373-MG4YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5373-MG4YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5373-MG4YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5373-MG4YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5373-MG4YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5373-MG4YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5373-MG4YMT Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
6
M9999-070110
Typical Characteristics
LDO1 Output Voltage
vs. Input Voltage
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
IOUT = 100µA
LDO1 Output Voltage
vs. Input Voltage
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
2.53
3.544.5
55.5
INPUT VOLTAGE (V)
IOUT = 50mA
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
LDO1 Output Voltage
vs. Input Voltage
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
2.53
3.544.5
55.5
INPUT VOLTAGE (V)
IOUT = 150mA
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
LDO2 Output Voltage
vs. Input Voltage
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN
VOUT_NOM = 2.5V
COUT = 1.0µF
IOUT = 100µA
LDO2 Output Voltage
vs. Input Voltage
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.53
3.544.5
55.5
INPUT VOLTAGE (V)
IOUT = 50mA
VBIAS = VIN
VOUT_NOM = 2.5V
COUT = 1.0µF
LDO2 Output Voltage
vs. Input Voltage
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
IOUT = 150mA
VBIAS = VIN
VOUT_NOM = 2.5V
COUT = 1.0µF
LDO3 Output Voltage
vs. Input Voltage
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.7 2.2 2.7 3.2 3.7 4.2 4.7 5.2 5.7
INPUT VOLTAGE (V)
VBIAS = 5.5V
VOUT_NOM = 1.8V
COUT = 1.0µF
IOUT = 100µA
LDO3 Output Voltage
vs. Input Voltage
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.7 2.2 2.7 3.2 3.7 4.2 4.7 5.2 5.7
INPUT VOLTAGE (V)
VBIAS = 5.5V
VOUT_NOM = 1.8V
COUT = 1.0µF
IOUT = 50mA
LDO3 Output Voltage
vs. Input Voltage
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.7 2.2
2.7 3.2
3.7 4.2 4.7
5.2 5.7
INPUT VOLTAGE (V)
IOUT = 150mA
VBIAS = 5.5V
VOUT_NOM = 1.8V
COUT = 1.0µF
LDO1 Output Voltage
vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0 20 40 60 80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
VIN = 3.6V
LDO1 Output Voltage
vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0 20 40 60 80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VIN = 4.2V
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
LDO1 Output Voltage
vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0 20 40 60 80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VIN = 5.5V
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF


Similar Part No. - MIC5373-MG4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-1.2/1.0YMT MICREL-MIC5370-1.2/1.0YMT Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-1.8/1.2YMT MICREL-MIC5370-1.8/1.2YMT Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-2.8/1.2YMT MICREL-MIC5370-2.8/1.2YMT Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-2.8/1.5YMT MICREL-MIC5370-2.8/1.5YMT Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
More results

Similar Description - MIC5373-MG4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
   Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
   150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215_07 Datasheet
838Kb / 11P
   Triple High PSRR, Low Noise 關Cap LDO
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com