Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5384-MG44YMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5384-MG44YMT
Description  Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5384-MG44YMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5384-MG44YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5384-MG44YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5384-MG44YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5384-MG44YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5384-MG44YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5384-MG44YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5384-MG44YMT Datasheet HTML 10Page - Micrel Semiconductor MIC5384-MG44YMT Datasheet HTML 11Page - Micrel Semiconductor MIC5384-MG44YMT Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Micrel, Inc.
MIC5374/84
July 2010
8
M9999-070110
Typical Characteristics (Continued)
LDO2 Output Voltage
vs. Temperature
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VOUT_NOM = 2.5V
COUT = 1.0µF
IOUT = 100µA
IOUT = 50mA
IOUT = 150mA
LDO3 Output Voltage
vs. Temperature
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VOUT_NOM = 1.8V
COUT = 1.0µF
IOUT = 100µA
IOUT = 50mA
IOUT = 150mA
LDO4 Output Voltage
vs. Temperature
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VOUT_NOM = 1.0V
COUT = 1.0µF
IOUT = 100µA
IOUT = 5mA
LDO1 Current Limit
vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
550
600
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1µF
LDO2 Current Limit
vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
550
600
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN1/2
VOUT_NOM = 2.5V
COUT = 1µF
LDO3 Current Limit
vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
550
600
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN3
VOUT_NOM = 1.8V
COUT = 1µF
LDO4 Current Limit
vs. Input Voltage
0
5
10
15
20
25
30
1.7
2.2
2.7 3.2
3.7 4.2
4.7
5.2 5.7
INPUT VOLTAGE (V)
VBIAS = 5.5V
VOUT_NOM = 1.0V
COUT = 1µF
LDO1/2/3 Current Limit
vs. Temperature
0
50
100
150
200
250
300
350
400
450
500
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = VIN = 4.3V
VOUT_NOM = 3.3V
COUT = 1µF
LDO4 Current Limit
vs. Temperature
0
5
10
15
20
25
30
35
40
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = VIN = 4.3V
VOUT_NOM = 1.0V
COUT = 1µF
LDO1 Dropout Voltage
vs. Temperature
0
20
40
60
80
100
120
140
160
180
200
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = 4.3V
VOUT_NOM = 3.3V
COUT = 1µF
IOUT = 50mA
IOUT = 150mA
LDO2 Dropout Voltage
vs. Temperature
0
40
80
120
160
200
240
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = 4.3V
VOUT_NOM = 2.5V
COUT = 1µF
IOUT = 50mA
IOUT = 150mA
LDO3 Dropout Voltage
vs. Temperature
0
40
80
120
160
200
240
280
320
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = 4.3V
VOUT_NOM = 1.8V
COUT = 1µF
IOUT = 50mA
IOUT = 150mA


Similar Part No. - MIC5384-MG44YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results

Similar Description - MIC5384-MG44YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5373 MICREL-MIC5373 Datasheet
873Kb / 19P
   Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
   High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com