Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5388-M4YCS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5388-M4YCS
Description  Dual 200mA Peak LDO in Wafer Level Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5388-M4YCS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5388-M4YCS Datasheet HTML 1Page - Micrel Semiconductor MIC5388-M4YCS Datasheet HTML 2Page - Micrel Semiconductor MIC5388-M4YCS Datasheet HTML 3Page - Micrel Semiconductor MIC5388-M4YCS Datasheet HTML 4Page - Micrel Semiconductor MIC5388-M4YCS Datasheet HTML 5Page - Micrel Semiconductor MIC5388-M4YCS Datasheet HTML 6Page - Micrel Semiconductor MIC5388-M4YCS Datasheet HTML 7Page - Micrel Semiconductor MIC5388-M4YCS Datasheet HTML 8Page - Micrel Semiconductor MIC5388-M4YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micrel, Inc.
MIC5388/9
July 2011
5
M9999-071211-A
Typical Characteristics
Power Supply
Rejection Ratio
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY(Hz)
`
VIN = VEN = 4.1V
VOUT1 = 2.80V
COUT1 = 1µF/10V
150mA
50mA
100µA
Output Voltage
vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
2.533.54
4.555.5
INPUT VOLTAGE (V)
LDO1 100μA
LDO1 150mA
VOUT1 = 2.8V
VOUT2 = 1.8V
CIN = COUT = 1μF
LDO2 100μA
LDO2 150mA
Output Voltage
vs. Output Current
2.50
2.60
2.70
2.80
2.90
3.00
10
30
50
70
90
110
130
150
OUTPUT CURRENT (mA)
VIN = VEN = VOUT + 1V
VOUT1 = 2.8V
CIN = COUT = 1µF
Ground Current
vs. Input Voltage
25
27
29
31
33
35
37
39
41
43
45
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
100µA
VIN = VEN2
VOUT2 = 1.8V
CIN = COUT = 1μF
150mA
Ground Current
vs. Output Current
0
10
20
30
40
50
60
70
80
90
0
15
30
45
60
75
90
105 120 135 150
OUTPUT CURRENT (mA)
VIN = 3.8V
VOUT1 = 2.8V
VOUT2 = 1.8V
CIN = COUT = 1μF
DUAL OUTPUT
SINGLE OUTPUT
Ground Current
vs. Temperature
0
10
20
30
40
50
60
70
80
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
SINGLE OUTPUT 50mA
DUAL OUTPUT 100µA
SINGLE OUTPUT 100µA
VIN = VEN = 3.8V
VOUT1 = 2.8V
VOUT2 = 1.8V
CIN = COUT = 1µF
Dropout Voltage
vs. Output Current
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
160
OUTPUT CURRENT (mA)
VOUT1 = 2.8V
CIN = COUT = 1μF
Dropout Voltage
vs. Temperature
0
20
40
60
80
100
120
140
160
180
200
220
240
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
50mA
100mA
150mA
CIN = COUT = 1μF
10mA
Current Limit
vs. Input Voltage
0
100
200
300
400
500
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VOUT1 = 2.8V
VOUT2 = 1.8V
CIN = COUT = 1μF
LDO2
LDO1


Similar Part No. - MIC5388-M4YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results

Similar Description - MIC5388-M4YCS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CB-9-1 AD-CB-9-1 Datasheet
91Kb / 1P
   9-Ball Wafer Level Chip Scale Package [WLCSP] Dimensions shown in millimeters
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
Texas Instruments
TLV5610IYZ TI1-TLV5610IYZ Datasheet
511Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package?봒b-Free/Green
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Micrel Semiconductor
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Texas Instruments
TLV5614Y TI1-TLV5614Y Datasheet
231Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, 12-BIT QUAD DAC IN WAFER CHIP SCALE PACKAGE
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TLV5610IYE TI-TLV5610IYE Datasheet
162Kb / 14P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
TLV5610IYE TI1-TLV5610IYE_16 Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com