Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5389-SGYCS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5389-SGYCS
Description  Dual 200mA Peak LDO in Wafer Level Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5389-SGYCS Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5389-SGYCS Datasheet HTML 1Page - Micrel Semiconductor MIC5389-SGYCS Datasheet HTML 2Page - Micrel Semiconductor MIC5389-SGYCS Datasheet HTML 3Page - Micrel Semiconductor MIC5389-SGYCS Datasheet HTML 4Page - Micrel Semiconductor MIC5389-SGYCS Datasheet HTML 5Page - Micrel Semiconductor MIC5389-SGYCS Datasheet HTML 6Page - Micrel Semiconductor MIC5389-SGYCS Datasheet HTML 7Page - Micrel Semiconductor MIC5389-SGYCS Datasheet HTML 8Page - Micrel Semiconductor MIC5389-SGYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5388/9
July 2011
3
M9999-071211-A
Functional Block Diagrams
MIC5388 Block Diagram
MIC5389 Block Diagram


Similar Part No. - MIC5389-SGYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results

Similar Description - MIC5389-SGYCS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CB-9-1 AD-CB-9-1 Datasheet
91Kb / 1P
   9-Ball Wafer Level Chip Scale Package [WLCSP] Dimensions shown in millimeters
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
Texas Instruments
TLV5610IYZ TI1-TLV5610IYZ Datasheet
511Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package?봒b-Free/Green
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Micrel Semiconductor
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Texas Instruments
TLV5614Y TI1-TLV5614Y Datasheet
231Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, 12-BIT QUAD DAC IN WAFER CHIP SCALE PACKAGE
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TLV5610IYE TI-TLV5610IYE Datasheet
162Kb / 14P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
TLV5610IYE TI1-TLV5610IYE_16 Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com