Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5389-MLYCS Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5389-MLYCS
Description  Dual 200mA Peak LDO in Wafer Level Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5389-MLYCS Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5389-MLYCS Datasheet HTML 4Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 5Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 6Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 7Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 8Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 9Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 10Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 11Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micrel, Inc.
MIC5388/9
July 2011
8
M9999-071211-A
Application Information
MIC5388/9 is a dual 150mA LDO in a miniature 6-bump
WLCSP package. The MIC5389 includes an auto-
discharge circuit for each of the LDO outputs that are
activated when the output is disabled. The MIC5388/9
regulator is fully protected from damage due to fault
conditions through linear current limiting and thermal
shutdown.
Input Capacitor
The MIC5388/9 is a high-performance, high-bandwidth
device. An input capacitor of 1µF capacitor is required
from the input to ground to provide stability. Low-ESR
ceramic capacitors provide optimal performance at a
minimum of space. Additional high-frequency capacitors,
such as small-valued NPO dielectric type capacitors,
help filter out high-frequency noise and are good
practice in any RF-based circuit. X5R or X7R dielectrics
are recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore, not recommended.
Output Capacitor
The MIC5388/9 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High-ESR
capacitors may cause high-frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 1µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R/X5R
dielectric
type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No-Load Stability
Unlike many other voltage regulators, the MIC5388/9 will
remain stable and in regulation with no load. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Enable/Shutdown
The MIC5388/9 comes with two active high enable pins
that allow each regulator to be disabled independently.
Forcing the enable pin low disables the regulator and
sends it into a “zero” off mode current state. In this state,
current consumed by the regulator goes nearly to zero.
When disabled the MIC5389 switches a 30Ω (typical)
load on the regulator output to discharge the external
capacitor.
Forcing the enable pin high enables the output voltage.
The active high enable pin uses CMOS technology and
the enable pin cannot be left floating; a floating enable
pin may cause an indeterminate state on the output.
Thermal Considerations
The MIC5388/9 is designed to provide 150mA of
continuous current for both outputs in a very small
package. Maximum ambient operating temperature can
be calculated based on the output current and the
voltage drop across the part. For example if the input
voltage is 3.6V, the output voltage is 2.8V for VOUT1, 1.8V
for VOUT2 and the output current = 150mA. The actual
power dissipation of the regulator circuit can be
determined using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) I OUT2 +
VIN IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (3.6V – 2.8V) × 150mA + (3.6V - 1.8) ×
150mA
PD = 0.39W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction to ambient
thermal resistance of the device and the following basic
equation:
=
JA
A
J(MAX)
D(MAX)
θ
T
T
P
TJ(max) = 125°C, and the maximum junction temperature
of the die, θJA, thermal resistance = 108°C/W.


Similar Part No. - MIC5389-MLYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results

Similar Description - MIC5389-MLYCS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CB-9-1 AD-CB-9-1 Datasheet
91Kb / 1P
   9-Ball Wafer Level Chip Scale Package [WLCSP] Dimensions shown in millimeters
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
Texas Instruments
TLV5610IYZ TI1-TLV5610IYZ Datasheet
511Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package?봒b-Free/Green
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Micrel Semiconductor
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Texas Instruments
TLV5614Y TI1-TLV5614Y Datasheet
231Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, 12-BIT QUAD DAC IN WAFER CHIP SCALE PACKAGE
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TLV5610IYE TI-TLV5610IYE Datasheet
162Kb / 14P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
TLV5610IYE TI1-TLV5610IYE_16 Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com