Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5389-MLYCS Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5389-MLYCS
Description  Dual 200mA Peak LDO in Wafer Level Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5389-MLYCS Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5389-MLYCS Datasheet HTML 1Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 2Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 3Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 4Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 5Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 6Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 7Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 8Page - Micrel Semiconductor MIC5389-MLYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5388/9
July 2011
4
M9999-071211-A
Absolute Maximum Ratings(1)
Supply Voltage (VIN)........................................ −0.3V to +6V
Enable Voltage (VEN1, VEN2). .............................. −0.3V to VIN
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature (soldering, 10sec.)....................... 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (TS).........................–65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings(2)
Supply Voltage (VIN)..................................... +2.5V to +5.5V
Enable Voltage (VEN1, VEN2) .............................. −0.3V to VIN
Junction Temperature (TA)........................–40°C to +125°C
Junction Thermal Resistance
6-Bump, 0.5mm Pitch WLCSP (
θJA) ................108°C/W
Electrical Characteristics(5)
VIN = VEN1 = VEN2 = VOUT + 1V; higher of the two regulator outputs; IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 1µF; TJ = 25°C, bold
values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Variation from nominal VOUT
–2.0
+2.0
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
–3.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 5.5V, IOUT = 100µA
0.02
0.3
%/V
Load Regulation
IOUT = 100µA to 150mA
0.3
1.2
%
Dropout Voltage
IOUT = 50mA
IOUT = 150mA
55
175
110
310
mV
Ground Pin Current
VEN1 = High; VEN2 = Low; IOUT = 0mA
VEN1 = Low; VEN2 = High; IOUT = 0mA
VEN1 = VEN2 = High; IOUT1 = IOUT2 = 0mA
32
32
60
45
45
85
µA
Ground Pin Current in
Shutdown
VEN1 = VEN2 = 0V
0.05
1
µA
Ripple Rejection
f = 1kHz; COUT = 1µF
73
dB
Current Limit
VOUT = 0V
200
325
550
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
175
µVRMS
Auto-Discharge NFET
Resistance
MIC5389 Only; VEN1 = VEN2 = 0V; VIN = 3.6V
30
Enable Inputs (EN1/EN2)
Logic Low
0.2
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
1
Enable Input Current
VIH ≥ 1.2V
0.01
1
µA
Turn-On Time
COUT = 1µF
50
125
µs
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5.
Specification for packaged product only.


Similar Part No. - MIC5389-MLYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results

Similar Description - MIC5389-MLYCS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CB-9-1 AD-CB-9-1 Datasheet
91Kb / 1P
   9-Ball Wafer Level Chip Scale Package [WLCSP] Dimensions shown in millimeters
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
Texas Instruments
TLV5610IYZ TI1-TLV5610IYZ Datasheet
511Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package?봒b-Free/Green
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Micrel Semiconductor
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Texas Instruments
TLV5614Y TI1-TLV5614Y Datasheet
231Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, 12-BIT QUAD DAC IN WAFER CHIP SCALE PACKAGE
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TLV5610IYE TI-TLV5610IYE Datasheet
162Kb / 14P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
TLV5610IYE TI1-TLV5610IYE_16 Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com