Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE520C Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # 1.5KE520C
Description  REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1.5KE520C Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  1.5KE520C Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1.5KE520C Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1.5KE520C Datasheet HTML 3Page - WILLAS ELECTRONIC CORP 1.5KE520C Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WILLAS ELECTRONIC CORP.
2011-05
Pb Free Product
WILLAS
TVS
1.5KE
SERIES
GPP TRANSIENT VOLTAGE SUPPRESSOR
PEAK PULSE POWER 1500 WATTS
REVERSE VOLTAGE 6.8 to 600 Volts
Uni-polar
Bi-polar
Min (V)
Max (V)
IT (mA)
1.5KE6.8
1.5KE6.8C
6.12
7.48
10
1000
5.5
139
10.8
1.5KE6.8A
1.5KE6.8CA
6.46
7.14
10
1000
5.8
143
10.5
1.5KE7.5
1.5KE7.5C
6.75
8.25
10
500
6.1
128
11.7
1.5KE7.5
1.5KE7.5CA
7.13
7.88
10
500
6.4
133
11.3
1.5KE8.2
1.5KE8.2C
7.38
9.02
10
200
6.6
120
12.5
1.5KE8.2A
1.5KE8.2CA
7.79
8.61
10
200
7.0
124
12.1
1.5KE9.1
1.5KE9.1C
8.19
10.01
1
50
7.4
109
13.8
1.5KE9.1A
1.5KE9.1CA
8.65
9.56
1
50
7.8
112
13.4
1.5KE10
1.5KE10C
9.00
11.00
1
10
8.1
100
15.0
1.5KE10A
1.5KE10CA
9.50
10.50
1
10
8.6
103
14.5
1.5KE11
1.5KE11C
9.90
12.10
1
5
8.9
92.6
16.2
1.5KE11A
1.5KE11CA
10.45
11.55
1
5
9.4
96.2
15.6
1.5KE12
1.5KE12C
10.80
13.20
1
5
9.7
86.7
17.3
1.5KE12A
1.5KE12CA
11.40
12.60
1
5
10.2
89.8
16.7
1.5KE13
1.5KE13C
11.70
14.30
1
5
10.5
78.9
19.0
1.5KE13A
1.5KE13CA
12.35
13.65
1
5
11.1
82.4
18.2
1.5KE15
1.5KE15C
13.50
16.50
1
5
12.1
68.2
22.0
1.5KE15A
1.5KE15CA
14.25
15.75
1
5
12.8
70.8
21.2
1.5KE16
1.5KE16C
14.40
17.60
1
5
12.9
63.8
23.5
1.5KE16A
1.5KE16CA
15.20
16.80
1
5
13.6
66.7
22.5
1.5KE18
1.5KE18C
16.20
19.80
1
5
14.5
56.6
26.5
1.5KE18A
1.5KE18CA
17.10
18.90
1
5
15.3
59.5
25.2
1.5KE20
1.5KE20C
18.00
22.00
1
5
16.2
51.5
29.1
1.5KE20A
1.5KE20CA
19.00
21.00
1
5
17.1
54.2
27.7
1.5KE22
1.5KE22C
19.80
24.20
1
5
17.8
47.0
31.9
1.5KE22A
1.5KE22CA
20.90
23.10
1
5
18.8
49.0
30.6
1.5KE24
1.5KE24C
21.60
26.40
1
5
19.4
43.2
34.7
1.5KE24A
1.5KE24CA
22.80
25.20
1
5
20.5
45.2
33.2
1.5KE27
1.5KE27C
24.30
29.70
1
5
21.8
38.4
39.1
1.5KE27A
1.5KE27CA
25.65
28.35
1
5
23.1
40.0
37.5
1.5KE30
1.5KE30C
27.00
33.00
1
5
24.3
34.5
43.5
1.5KE30A
1.5KE30CA
28.50
31.50
1
5
25.6
36.2
41.4
1.5KE33
1.5KE33C
29.70
36.30
1
5
26.8
31.4
47.7
1.5KE33A
1.5KE33CA
31.35
34.65
1
5
28.2
32.8
45.7
1.5KE36
1.5KE36C
32.40
39.60
1
5
29.1
28.8
52.0
1.5KE36A
1.5KE36CA
34.20
37.80
1
5
30.8
30.1
49.9
1.5KE39
1.5KE39C
35.10
42.90
1
5
31.6
26.6
56.4
1.5KE39A
1.5KE39CA
37.05
40.95
1
5
33.3
27.8
53.9
1.5KE43
1.5KE43C
38.70
47.30
1
5
34.8
24.2
61.9
1.5KE43A
1.5KE43CA
40.85
45.15
1
5
36.8
25.3
59.3
1.5KE47
1.5KE47C
42.30
51.70
1
5
38.1
22.1
67.8
1.5KE47A
1.5KE47CA
44.65
49.35
1
5
40.2
23.1
64.8
1.5KE51
1.5KE51C
45.90
56.10
1
5
41.3
20.4
73.5
1.5KE51A
1.5KE51CA
48.45
53.55
1
5
43.6
21.4
70.1
1.5KE56
1.5KE56C
50.40
61.60
1
5
45.4
18.6
80.5
1.5KE56A
1.5KE56CA
53.20
58.80
1
5
47.8
19.5
77.0
1.5KE62
1.5KE62C
55.80
68.20
1
5
50.2
16.9
89.0
1.5KE62A
1.5KE62CA
58.90
65.10
1
5
53.0
17.6
85.0
1.5KE68
1.5KE62C
61.20
74.80
1
5
55.1
15.3
98.0
1.5KE68A
1.5KE62CA
64.60
71.40
1
5
58.1
16.3
92.0
1.5KE75
1.5KE75C
67.50
82.50
1
5
60.7
13.9
108
1.5KE75A
1.5KE75CA
71.25
78.75
1
5
64.1
14.6
103
1.5KE82
1.5KE82C
73.80
90.20
1
5
66.4
12.7
118
1.5KE82A
1.5KE82CA
77.90
86.10
1
5
70.1
13.3
113
1.5KE91
1.5KE91C
81.90
100.10
1
5
73.7
11.5
131
1.5KE91A
1.5KE91CA
86.45
95.55
1
5
77.8
12.0
125
1.5KE100
1.5KE100C
90.00
110.00
1
5
81.0
10.4
144
1.5KE100A
1.5KE100CA
95.00
105.0
1
5
85.5
10.9
137
Maximum
Reverse
Surge
Current
Ipp(A)
@10x1000us
sinewave
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
1.5KE SERIES
Breakdown voltage VBR @
IT
Maximum
Reverse
Leakage
IR(uA)
@VRWM
Working
PeakRevers
e Voltage
VRWM
(Volts)


Similar Part No. - 1.5KE520C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
1.5KE520C SOCAY-1.5KE520C Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
1.5KE520C LUGUANG-1.5KE520C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE520C LUGUANG-1.5KE520C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE520C LUGUANG-1.5KE520C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
1.5KE520C SOCAY-1.5KE520C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - 1.5KE520C

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Shenzhen Luguang Electr...
1N6267 LUGUANG-1N6267 Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Microdiode Electronics ...
P6KE6.8 CHENDA-P6KE6.8 Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com