Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5357-MGYMME Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5357-MGYMME
Description  High Performance, Low Noise Dual 500mA ULDO?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5357-MGYMME Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5357-MGYMME Datasheet HTML 1Page - Micrel Semiconductor MIC5357-MGYMME Datasheet HTML 2Page - Micrel Semiconductor MIC5357-MGYMME Datasheet HTML 3Page - Micrel Semiconductor MIC5357-MGYMME Datasheet HTML 4Page - Micrel Semiconductor MIC5357-MGYMME Datasheet HTML 5Page - Micrel Semiconductor MIC5357-MGYMME Datasheet HTML 6Page - Micrel Semiconductor MIC5357-MGYMME Datasheet HTML 7Page - Micrel Semiconductor MIC5357-MGYMME Datasheet HTML 8Page - Micrel Semiconductor MIC5357-MGYMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5357
High Performance, Low Noise Dual
500mA ULDO™
ULDO is a trademark of Micrel, Inc
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC5357 is a tiny Dual Ultra Low Dropout (ULDO™)
linear regulator ideally suited for portable electronics due
to its low output noise. The MIC5357 provides two
independently controlled high performance 500mA LDOs
with typical dropout voltage of 130mV at rated load. In
addition, the MIC5357 provides a bypass pin to reduce the
output noise.
The MIC5357 is designed to be stable with small ceramic
output capacitors thereby reducing required board space
and component cost. The combination of extremely low
dropout voltage, low output noise and exceptional thermal
package characteristics makes it ideal for powering RF
and noise sensitive circuitry, cellular phone camera
modules, imaging sensors for digital still cameras, PDAs,
MP3 players and WebCam applications.
The MIC5357 ULDO™ is available in fixed output voltages
in the small 8-pin ePad MSOP package. Additional voltage
options are available. For more information, contact Micrel
marketing.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.6V to 5.5V input voltage range
• Ultra low dropout voltage: 130mV @ 500mA
• Ultra low output noise: 51µVRMS
• ±2% initial output accuracy
• Small 8-pin ePad MSOP package
• Excellent Load/Line transient response
• Fast start up time: 38µs
• µCap stable with 2.2µF ceramic capacitors
• Thermal shutdown protection
• Low quiescent current: 160µA with both outputs at
maximum load
• Current-limit protection
Applications
• Battery-Powered Applications
• PDAs
• GPS receivers
• Portable electronics
• Portable media players
• Digital still and video cameras
_________________________________________________________________________________________________________________________
Typical Application
January 2011
M9999-011311
RF Power Supply Circuit


Similar Part No. - MIC5357-MGYMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/1.8YMT MICREL-MIC5350-2.8/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/2.8YMT MICREL-MIC5350-2.8/2.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.0/1.8YMT MICREL-MIC5350-3.0/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.3/1.8YMT MICREL-MIC5350-3.3/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
More results

Similar Description - MIC5357-MGYMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com