Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5357-GFYMME Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5357-GFYMME
Description  High Performance, Low Noise Dual 500mA ULDO?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5357-GFYMME Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5357-GFYMME Datasheet HTML 3Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 4Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 5Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 6Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 7Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 8Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 9Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 10Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
MIC5357
January 2011
7
M9999-011311
Applications Information
Enable/Shutdown
The MIC5357 is provided with dual active high enable
pins that allow each regulator to be enabled
independently. Forcing both enable pins low disables the
regulators and sends it into a “zero” off-mode-current
state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high enables
the output voltage. The active high enable pin uses
CMOS technology and the enable pin cannot be left
floating;
a
floating
enable
pin
may
cause
an
indeterminate state on the output.
Input Capacitor
The MIC5357 is a high performance, high bandwidth
device. Therefore, it requires a well bypassed input
supply for optimal performance. A 2.2µF capacitor is
required from the input to ground to provide stability.
Low
ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high
frequency capacitors, such as small valued NPO
dielectric type capacitors, help filter out high frequency
noise and are good practice in any RF based circuit.
Output Capacitor
The MIC5357 requires an output capacitor of 2.2µF or
greater to maintain stability. The design is optimized for
use with low ESR ceramic chip capacitors. High ESR
capacitors may cause high frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 2.2µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R/X5R
dielectric
type
ceramic
capacitors
are
recommended because of their superior temperature
performance. X7R type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
Bypass Capacitor
A capacitor can be placed from the noise bypass pin to
ground to reduce output voltage noise. The capacitor
bypasses the internal reference. A 0.1µF capacitor is
recommended for applications that require low noise
outputs. The bypass capacitor can be increased, further
reducing noise and improving PSRR. Turn on time
increases slightly with respect to bypass capacitance.
A unique, quick start circuit allows the MIC5357 to drive
a large capacitor on the bypass pin without significantly
slowing the turn on time.
No-Load Stability
Unlike many other voltage regulators, the MIC5357 will
remain stable with no load. This is especially important
in CMOS RAM keep alive applications.
Thermal Considerations
The MIC5357 is designed to provide 500mA of
continuous current for VOUT1 and 500mA for VOUT2 in a
small package. The maximum ambient operating
temperature can be calculated based on the output
current and the voltage drop across the part. Given that
the input voltage is 3.6V, the output voltage is 3.3V for
VOUT1, 2.8V for VOUT2 and the output current of 500mA
and 500mA respectively. The actual power dissipation of
the regulator circuit can be determined using the
equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) IOUT2+ VIN IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (3.6V – 3.3V) × 500mA + (3.6V -2.8) × 500mA
PD = 0.55W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
PD(MAX) =
TJ(MAX) - TA
JA
TJ(max) = 125°C, the maximum junction temperature of
the die θJA thermal resistance = 64.4°C/W.


Similar Part No. - MIC5357-GFYMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/1.8YMT MICREL-MIC5350-2.8/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/2.8YMT MICREL-MIC5350-2.8/2.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.0/1.8YMT MICREL-MIC5350-3.0/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.3/1.8YMT MICREL-MIC5350-3.3/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
More results

Similar Description - MIC5357-GFYMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com