Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5356-G4YMME Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5356-G4YMME
Description  Dual 500mA 關Cap Low Dropout, Micropower Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5356-G4YMME Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5356-G4YMME Datasheet HTML 5Page - Micrel Semiconductor MIC5356-G4YMME Datasheet HTML 6Page - Micrel Semiconductor MIC5356-G4YMME Datasheet HTML 7Page - Micrel Semiconductor MIC5356-G4YMME Datasheet HTML 8Page - Micrel Semiconductor MIC5356-G4YMME Datasheet HTML 9Page - Micrel Semiconductor MIC5356-G4YMME Datasheet HTML 10Page - Micrel Semiconductor MIC5356-G4YMME Datasheet HTML 11Page - Micrel Semiconductor MIC5356-G4YMME Datasheet HTML 12Page - Micrel Semiconductor MIC5356-G4YMME Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
MIC5355/6
March 2012
9
M9999-031512-A
Application Information
MIC5355/6 is a dual 500mA LDO. The MIC5356
includes an auto-discharge circuit for each LDO output
that is activated when the output is disabled. The
MIC5355/6 regulator is fully protected from damage due
to fault conditions through linear current limiting and
thermal shutdown.
Input Capacitor
The MIC5355/6 is a high-performance, high-bandwidth
device. A 2.2µF input capacitor from the input pin to
ground is required to provide stability. Low-ESR ceramic
capacitors provide optimal performance in small board
area. Additional high-frequency capacitors, such as
small valued NPO dielectric type capacitors, help filter
out high-frequency noise and are good practice in any
RF based circuit. X5R or X7R dielectrics are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore not recommended.
Output Capacitor
The MIC5355/6 requires an output capacitor of 2.2µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High-ESR
capacitors may cause high-frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 2.2µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R and X5R dielectric ceramic capacitors are
recommended
because
of
their
temperature
performance. X7R capacitors change capacitance by
15% over their operating temperature range and are the
most stable type of ceramic capacitors. Z5U and Y5V
dielectric capacitors change value by as much as 50%
and 60% respectively over their operating temperature
ranges. To use a ceramic chip capacitor with Y5V
dielectric the value must be much higher than an X7R
ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No Load Stability
Unlike many other voltage regulators, the MIC5355/6 will
remain stable and in regulation with no load.
Enable/Shutdown
The MIC5355/6 comes with two active high enable pins
that allow each regulator to be disabled independently.
Forcing the enable pin low disables the regulator and
places it into an off mode current state drawing virtually
zero current. When disabled, the MIC5356 switches an
internal 30Ω load on the regulator output to discharge
the external capacitor.
Forcing the enable pin high enables the output voltage.
The active high enable pin uses CMOS technology and
cannot be left floating. A floating enable pin may cause
an indeterminate state on the output.
Thermal Considerations
The MIC5355/6 is designed to provide two 500mA
continuous current outputs in a small package.
Maximum operating temperature can be calculated
based on the output currents and the voltage drop
across the part. For example, if the input voltage is 3.0V,
VOUT1 = 2.5V, VOUT2 = 1.8V and each with an output
current = 500mA. The actual power dissipation of the
regulator circuit can be determined using the equation:
PD = (VIN  VOUT1) IOUT  (VIN  VOUT2) IOUT2  VIN IGND
Because this is CMOS device and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is <1%
which can be ignored for this calculation:
PD = (3.0V – 2.5V) × 500mA + (3.0V – 1.8V) × 500mA
PD = 0.85W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction to ambient
thermal resistance of the device and the following basic
equation:
JA
A
J(MAX)
D(MAX)
θ
T
T
P
TJ(MAX) = 125°C
θJA = 64.4°C/W


Similar Part No. - MIC5356-G4YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/1.8YMT MICREL-MIC5350-2.8/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/2.8YMT MICREL-MIC5350-2.8/2.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.0/1.8YMT MICREL-MIC5350-3.0/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.3/1.8YMT MICREL-MIC5350-3.3/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
More results

Similar Description - MIC5356-G4YMME

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com