Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5365-2.9YMT Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5365-2.9YMT
Description  High Performance Single 150mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5365-2.9YMT Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5365-2.9YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5365-2.9YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5365-2.9YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5365-2.9YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5365-2.9YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5365-2.9YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5365-2.9YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5365-2.9YMT Datasheet HTML 10Page - Micrel Semiconductor MIC5365-2.9YMT Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Micrel, Inc.
MIC5365/6
September 2009
7
M9999-090109-C
Typical Characteristics
0
Power Supply
Rejection Ratio
100
FREQUENCY (Hz)
10
1k
10k
1M
VIN = VOUT +1V
VOUT = 2.5V
COUT = 1µF
75mA
100µA
150mA
100k
0
20
40
60
80
100
120
140
160
02
55
07
5 100 125 150
LOAD CURRENT (mA)
Dropout Voltage
vs. Load Current
VOUT = 3.3V
CIN = COUT = 1µF
0
150
200
Dropout Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VOUT = 3.3V
CIN = COUT = 1µF
10mA
150mA
100mA
50mA
50
100
20
22
24
26
28
30
32
34
36
38
2.5 3.0
3.5 4.0
4.5 5.0
5.5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
VEN = VIN
VOUT = 3.3V
CIN = COUT = 1µF
150mA
100µA
28
30
32
34
36
38
40
02
55
07
5 100 125 150
LOAD CURRENT (mA)
Ground Current
vs. Load Current
VIN = VEN = VOUT + 1V
VOUT = 3.3V
CIN = COUT = 1µF
20
22
24
26
28
30
32
34
36
38
40
Ground Current
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VEN = VOUT + 1V
VOUT = 3.3V
CIN = COUT = 1µF
50mA
100µA
100mA
150mA
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
Output Voltage
vs. Load Current
VIN = VEN = VOUT + 1V
VOUT = 3.3V
CIN = COUT = 1µF
COUT = 1µF/10V
0 20 40 60 80 100 120 140 160
LOAD CURRENT (mA)
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.0 3.5
4.0 4.5
5.0 5.5
SUPPLY VOLTAGE (V)
Output Voltage
vs. Supply Voltage
VEN = VIN
VOUT = 3.3V
CIN = COUT = 1µF
1mA
50mA
150mA
2.5
2.5
3.0
3.1
3.2
3.4
3.5
Output Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VOUT + 1V
VOUT = 3.3V
CIN = COUT = 1µF
IOUT = 150m A
3.3
200
250
300
350
400
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Current Limit
vs. Supply Voltage
VOUT = 3.3V
CIN = COUT = 1µF
0.001
0.01
0.1
1
10
0.001
Output Noise
Spectral Density
100
FREQUENCY (Hz)
10
1k
10k
1M
100k
10M
VIN = VEN = 4.5V
VOUT = 2.8V
CIN = COUT = 1µF
Noise (10Hz to 100kHz) = 198.19µV RMS


Similar Part No. - MIC5365-2.9YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
More results

Similar Description - MIC5365-2.9YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com