Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5316-F5CYMT Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5316-F5CYMT
Description  Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5316-F5CYMT Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5316-F5CYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5316-F5CYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5316-F5CYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5316-F5CYMT Datasheet HTML 9Page - Micrel Semiconductor MIC5316-F5CYMT Datasheet HTML 10Page - Micrel Semiconductor MIC5316-F5CYMT Datasheet HTML 11Page - Micrel Semiconductor MIC5316-F5CYMT Datasheet HTML 12Page - Micrel Semiconductor MIC5316-F5CYMT Datasheet HTML 13Page - Micrel Semiconductor MIC5316-F5CYMT Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MIC5316
July 2008
11
M9999-070208-A
Thermal Considerations
The MIC5316 is designed to provide 300mA of
continuous current for both outputs in a very small
package. Maximum ambient operating temperature can
be calculated based upon the output current and the
voltage drop across the part. Given that the input voltage
is 1.8V, the output voltage is 1.5V for VOUT1, 1.0V for
VOUT2 and the output current = 300mA for each output.
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) I OUT2 + VBIAS IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is <1% and
can be ignored for this calculation.
PD = (1.8V – 1.5V) × 300mA + (1.8V – 1.0V) × 300mA
PD = 0.33W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
=
JA
A
J(MAX)
D(MAX)
θ
T
T
P
TJ(max) = 125°C, the maximum junction temperature of
the die. The junction-to-ambient thermal resistance for
the minimum footprint, is θJA = 70°C/W.
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5316-F5CYMT at
an input voltage of 1.8V and 300mA, loads at each
output with a minimum footprint layout, the maximum
ambient operating temperature TA can be determined as
follows:
0.33W = (125°C – TA)/(70°C/W)
TA = 101.9°C
For a full discussion of heat sinking and thermal effects
on voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage
Regulators
handbook. This information can be found on
Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5316-F5CYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310-1.5YML MICREL-MIC5310-1.5YML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8 MICREL-MIC5310-1.8 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8/1.5YML MICREL-MIC5310-1.8/1.5YML Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5316-F5CYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
MIC5315 MICREL-MIC5315 Datasheet
338Kb / 13P
   Low Voltage Dual 300mA LDO with Voltage Select
MIC5313 MICREL-MIC5313 Datasheet
311Kb / 12P
   Low Voltage Dual 300mA LDO
logo
Maxim Integrated Produc...
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963A_V1 MAXIM-MAX1963A_V1 Datasheet
225Kb / 10P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
MAX1963 MAXIM-MAX1963_07 Datasheet
313Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
logo
Micrel Semiconductor
MIC5249 MICREL-MIC5249 Datasheet
40Kb / 7P
   300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
MIC2212 MICREL-MIC2212 Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC5249 MICREL-MIC5249_12 Datasheet
217Kb / 7P
   300mA 關Cap LDO with Programmable Power-On Reset Delay
logo
RICOH electronics devic...
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com