Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5315-GGCYMT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5315-GGCYMT
Description  Low Voltage Dual 300mA LDO with Voltage Select
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5315-GGCYMT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5315-GGCYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5315-GGCYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5315-GGCYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5315-GGCYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5315-GGCYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5315-GGCYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5315-GGCYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5315-GGCYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5315-GGCYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC5315
Low Voltage Dual 300mA LDO
with Voltage Select
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2008
M9999-070208-A
General Description
The MIC5315 is a high performance, dual low input
voltage, low dropout regulator with voltage select. Major
features include two 300mA LDOs, input voltage down to
1.7V, ultra low drop out of 85mV at full load, and voltage
select. Each LDO has its own low voltage input for system
flexibility. The low input voltages and low drop out
operation provides high efficiency by reducing the input to
output voltage step which minimizes the regulator power
loss. Voltage select is incorporated into the second output,
which reduces the output voltage to a lower level to further
save power while in stand-by mode.
Ideal for battery operated applications; the MIC5315 offers
1% accuracy and low ground current to increase light load
efficiency. The MIC5315 can also be put into a zero-off-
mode current state, drawing virtually no current when
disabled.
The MIC5315 is available in fixed output voltages in the
10-pin 2mm x 2mm Thin MLF
® leadless package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 300mA output current for each LDO
• Dual low voltage regulator inputs: 1.7V to 5.5V
• Low output voltage range: 0.8V to 2.0V
• Ultra-low dropout voltage of 85mV @ 300mA
• Voltage select function
• Stable with 1µF ceramic output capacitors
• Very fast transient response
• Thermal shutdown and current limit protection
• Tiny 10-pin 2mm x 2mm Thin MLF® package
Applications
• Mobile Phones
• GPS and Navigation Devices
• Portable Media Players
• Digital still and video cameras
• PDAs
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
VBAT
CBIAS
1µF
VIN1
CBYP
VIN2
EN2
VBIAS
EN1
VOUT2
VOUT1
MIC5315-xxyYMT
GND
10nF
1µF
1µF
CIN
1µF
MIC23031-1.8YMT
DC-to-DC
Converter
VI/O
VCORE1
VCORE2
µProcessor
/VSC2


Similar Part No. - MIC5315-GGCYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310-1.5YML MICREL-MIC5310-1.5YML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8 MICREL-MIC5310-1.8 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8/1.5YML MICREL-MIC5310-1.8/1.5YML Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5315-GGCYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MIC5313 MICREL-MIC5313 Datasheet
311Kb / 12P
   Low Voltage Dual 300mA LDO
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
logo
RICOH electronics devic...
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
logo
Mitsumi Electronics, Co...
MM334X MITSUMI-MM334X Datasheet
136Kb / 12P
   Low-Saturation voltage 300mA LDO
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com