Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5311 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5311
Description  LowQ??Mode Dual 300mA LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5311 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5311_06 Datasheet HTML 1Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 2Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 3Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 4Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 5Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 6Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 7Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 8Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC5311
March 2006
5
M9999-032706
(408) 955-1690
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
Ripple Rejection
vs. I
LOAD (Normal Mode)
150mA
50mA
300mA
10
100
1k
10k
1M
100k
V
OUT=1.85V
IN=VOUT+1V
=
C
BYP
= 10nF
V
C
OUT
2.2µF
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
Ripple Rejection
LowQ Mode
10
100
1k
10k
1M
100k
V
OUT=1.85V
.
V
IN=VOUT+1V
I
LOAD
=10mA
C
OUT
= 2.2 µF Ceramic
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
0
25
50
75
100
125
Output Voltage
vs. Temperature
100µA
0
0.5
1
1.5
2
2.5
3
012
3
456
SUPPLY VOLTAGE (V)
Dropout Characteristics
100mA
150mA
300mA
V
OUT=2.6V
0
20
40
60
80
100
120
140
160
-40 -20 0
20 40 60 80 100 120
Dropout vs.
Temperature (Normal Mode)
50mA
150mA
300mA
0
20
40
60
80
100
120
140
-40 -20 0
20 40 60 80 100 120
Dropout vs.
Temperature (LowQ Mode)
3mA
6mA
10mA
0
5
10
15
20
25
30
35
1.3 1.8 2.3 2.8 3.3 3.8 4.3 4.8 5.3
SUPPLY VOLTAGE (V)
Ground Current
100mA
150mA
300mA
10mA LowQ™
vs. Supply Voltage
0
5
10
15
20
25
30
35
-40 -20 0
20 40 60 80 100 120
Ground Current
100mA
150mA
300mA
50mA
vs. Temperature
0
1
2
3
4
5
6
7
8
9
-40 -20 0
20 40 60 80 100 120
Ground Current
vs. Temperature (LowQ Mode)
100µA
10mA
0.001
0.01
0.1
1
FREQUENCY (Hz)
Output Noise
Spectral Density
10
100
1k
10k 100k 1M 10M
VIN = 4.45V
COUT = 2.2 µF
CBYP = 0.01µF
VOUT = 1.8V
ROUT


Similar Part No. - MIC5311_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5311-DKBML MICREL-MIC5311-DKBML Datasheet
344Kb / 11P
   LowQ Mode Dual 300mA LDO
MIC5311-GMBML MICREL-MIC5311-GMBML Datasheet
344Kb / 11P
   LowQ Mode Dual 300mA LDO
More results

Similar Description - MIC5311_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5311 MICREL-MIC5311 Datasheet
344Kb / 11P
   LowQ Mode Dual 300mA LDO
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
   LowQ Mode Dual 300mA LDO with Integrated POR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
List of Unclassifed Man...
EUP7211 ETC1-EUP7211 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161N081A RICOH-R1161N081A Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com