Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5283 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5283
Description  120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5283 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5283_12 Datasheet HTML 1Page - Micrel Semiconductor MIC5283_12 Datasheet HTML 2Page - Micrel Semiconductor MIC5283_12 Datasheet HTML 3Page - Micrel Semiconductor MIC5283_12 Datasheet HTML 4Page - Micrel Semiconductor MIC5283_12 Datasheet HTML 5Page - Micrel Semiconductor MIC5283_12 Datasheet HTML 6Page - Micrel Semiconductor MIC5283_12 Datasheet HTML 7Page - Micrel Semiconductor MIC5283_12 Datasheet HTML 8Page - Micrel Semiconductor MIC5283_12 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC5283
120VIN, 150mA, Ultra-Low IQ, High-PSRR
Linear Regulator
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2012
M9999-030812-A
General Description
The MIC5283 high-performance linear regulator offers a
very-wide input operating voltage range, up to 120V DC,
and supplies an output current of up to 150mA.
Ideal for high input voltage applications such as industrial
and telecom, the MIC5283 offers ±3% initial accuracy,
extremely high-power supply rejection ratio (75dB at
10kHz) and an ultra-low quiescent current of 8µA. The
MIC5283 is optimized for high-voltage line transients,
making it ideal for harsh environment applications.
The MIC5283 is offered in both fixed output voltage (3.3V
or 5.0V) and adjustable output voltage (1.22V to 5.5V)
options.
The MIC5283 operates over a
40°C to +125°C
temperature range and is available in lead-free, RoHS-
compliant, ePad SOIC-8 and 3mm x 3mm MLF
®
packages.
Data sheet and support documentation are found on the
Micrel website: www.micrel.com.
Features
 Wide input voltage range: 6V to 120V DC
 Ultra-low quiescent current: 8µA
 150mA guaranteed output current
 Adjustable output from 1.22V to 5.5V
 Stable with ceramic capacitors
 Ultra-high PSRR (75dB at 10kHz)
 Ultra-high line rejection (load dump)
 High output accuracy:
– ±3% initial accuracy
 Thermal-shutdown and current-limit protection
 Thermally-efficient, 8-pin ePad SOIC package
 Very low-profile 3mm x 3mm MLF® package
Applications
 Industrial applications
 Remote keyless entry power supply
 Telecom applications
 Off-line power supplies
___________________________________________________________________________________________________________
Typical Applications


Similar Part No. - MIC5283_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283-3.3YME MICREL-MIC5283-3.3YME Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283-3.3YML MICREL-MIC5283-3.3YML Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283-5.0YME MICREL-MIC5283-5.0YME Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283-5.0YML MICREL-MIC5283-5.0YML Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283YME MICREL-MIC5283YME Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MIC5283_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20049 MPS-MP20049 Datasheet
285Kb / 11P
   Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com