Electronic Components Datasheet Search |
|
MIC5283-3.3YME Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
MIC5283-3.3YME Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 19 page MIC5283 120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc. Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 ( 408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com March 2012 M9999-030812-A General Description The MIC5283 high-performance linear regulator offers a very-wide input operating voltage range, up to 120V DC, and supplies an output current of up to 150mA. Ideal for high input voltage applications such as industrial and telecom, the MIC5283 offers ±3% initial accuracy, extremely high-power supply rejection ratio (75dB at 10kHz) and an ultra-low quiescent current of 8µA. The MIC5283 is optimized for high-voltage line transients, making it ideal for harsh environment applications. The MIC5283 is offered in both fixed output voltage (3.3V or 5.0V) and adjustable output voltage (1.22V to 5.5V) options. The MIC5283 operates over a 40°C to +125°C temperature range and is available in lead-free, RoHS- compliant, ePad SOIC-8 and 3mm x 3mm MLF ® packages. Data sheet and support documentation are found on the Micrel website: www.micrel.com. Features Wide input voltage range: 6V to 120V DC Ultra-low quiescent current: 8µA 150mA guaranteed output current Adjustable output from 1.22V to 5.5V Stable with ceramic capacitors Ultra-high PSRR (75dB at 10kHz) Ultra-high line rejection (load dump) High output accuracy: – ±3% initial accuracy Thermal-shutdown and current-limit protection Thermally-efficient, 8-pin ePad SOIC package Very low-profile 3mm x 3mm MLF® package Applications Industrial applications Remote keyless entry power supply Telecom applications Off-line power supplies ___________________________________________________________________________________________________________ Typical Applications |
Similar Part No. - MIC5283-3.3YME |
|
Similar Description - MIC5283-3.3YME |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |