Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5314-FFYMT Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5314-FFYMT
Description  Low Voltage Dual 300mA LDO with Power on Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5314-FFYMT Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5314-FFYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5314-FFYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5314-FFYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5314-FFYMT Datasheet HTML 9Page - Micrel Semiconductor MIC5314-FFYMT Datasheet HTML 10Page - Micrel Semiconductor MIC5314-FFYMT Datasheet HTML 11Page - Micrel Semiconductor MIC5314-FFYMT Datasheet HTML 12Page - Micrel Semiconductor MIC5314-FFYMT Datasheet HTML 13Page - Micrel Semiconductor MIC5314-FFYMT Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MIC5314
July 2008
11
M9999-070208-A
be determined using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) I OUT2 + VBIAS IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (1.8V – 1.5V) × 300mA + (1.8V – 1.0V) × 300mA
PD = 0.33W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
=
JA
A
J(MAX)
D(MAX)
θ
T
T
P
TJ(max) = 125°C, the maximum junction temperature of
the die. The junction-to-ambient thermal resistance for
the minimum footprint, is θJA = 70°C/W.
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5314-FCYMT at
an input voltage of 1.8V and 300mA, loads at each
output with a minimum footprint layout, the maximum
ambient operating temperature TA can be determined as
follows:
0.33W = (125°C – TA)/(70°C/W)
TA = 101.9°C
For a full discussion of heat sinking and thermal effects
on voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage
Regulators
handbook. This information can be found on
Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5314-FFYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310-1.5YML MICREL-MIC5310-1.5YML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8 MICREL-MIC5310-1.8 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8/1.5YML MICREL-MIC5310-1.8/1.5YML Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5314-FFYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MIC5249 MICREL-MIC5249 Datasheet
40Kb / 7P
   300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
MIC5249 MICREL-MIC5249_12 Datasheet
217Kb / 7P
   300mA 關Cap LDO with Programmable Power-On Reset Delay
MIC5313 MICREL-MIC5313 Datasheet
311Kb / 12P
   Low Voltage Dual 300mA LDO
MIC5315 MICREL-MIC5315 Datasheet
338Kb / 13P
   Low Voltage Dual 300mA LDO with Voltage Select
MIC5396 MICREL-MIC5396 Datasheet
84Kb / 2P
   Low-Power Dual 300mA LDO
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Micrel Semiconductor
MIC2212 MICREL-MIC2212 Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
logo
Maxim Integrated Produc...
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963A_V1 MAXIM-MAX1963A_V1 Datasheet
225Kb / 10P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com