Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5250-2.7BMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5250-2.7BMM
Description  Dual 150mA 關Cap CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5250-2.7BMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5250-2.7BMM Datasheet HTML 1Page - Micrel Semiconductor MIC5250-2.7BMM Datasheet HTML 2Page - Micrel Semiconductor MIC5250-2.7BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5250-2.7BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5250-2.7BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5250-2.7BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5250-2.7BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5250-2.7BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5250-2.7BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5250
Micrel
MIC5250
2
June 2003
Pin Configuration
1
BYPA
ENA
GNDA
BYPB
ENB
10 OUTA
INA
OUTB
INB
GNDB
9
8
7
6
2
3
4
5
MIC5250-x.xBMM
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) ................................. 0V to +7V
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD, Note 3
Operating Ratings (Note 2)
Input Voltage (V
IN) ......................................... +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
JA) ...................................... 200°C/W
Pin Description
Pin Number
Pin Name
Pin Function
9 / 7
INA / B
Supply Input*
3 / 6
GNDA / B
Ground*
2 / 4
ENA / B
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable;
logic low = shutdown. Do not leave open.
1 / 4
BYPA / B
Reference Bypass: Connect external 0.01
µF capacitor to GND to reduce
output noise. May be left open.
10 / 8
OUTA / B
Regulator Output
* Supply inputs and grounds are fully isolated.


Similar Part No. - MIC5250-2.7BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5250-2.7BMM MICREL-MIC5250-2.7BMM Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
More results

Similar Description - MIC5250-2.7BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com