Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5235-1.5BM5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5235-1.5BM5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5235-1.5BM5 Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC5235-1.5BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Micrel, Inc.
MIC5235
May 2008
8
M9999-051508
Where VREF = 1.24V.
319mW = (VIN – 3V)20mA + VIN x 0.2mA
Feedback resistor R2 should be no larger than 300kΩ.
379mW = VIN x 20.2mA
OUT
ADJ.
VIN
R1
R2
2.2µF
1.0µF
EN
IN
VOUT
GND
MIC5235BM5
VIN = 18.8V
Maximum input voltage for a 20mA load current at 50°C
ambient temperature is 18.8V, utilizing virtually the entire
operating voltage range of the device.
Adjustable Regulator Application
The MIC5235BM5 can be adjusted from 1.24V to 20V by
using two external resistors (Figure 1). The resistors set
the output voltage based on the following equation:
Figure 1. Adjustable Voltage Application
⎟⎟
⎜⎜
+
=
2
1
REF
OUT
R
R
1
V
V


Similar Part No. - MIC5235-1.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235-1.5BM5 MICREL-MIC5235-1.5BM5 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
More results

Similar Description - MIC5235-1.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com