Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5235-1.8BM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5235-1.8BM5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5235-1.8BM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5235-1.8BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5235-1.8BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5235-1.8BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5235-1.8BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5235-1.8BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5235-1.8BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5235-1.8BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5235-1.8BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5235-1.8BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel, Inc.
MIC5235
May 2008
3
M9999-051508
Absolute Maximum Ratings(1)
Input Supply Voltage ........................................ –20V to 38V
Enable Input Voltage....................................... –0.3V to 38V
Power Dissipation .....................................Internally Limited
Junction Temperature ...............................–40°C to +125°C
Storage Temperature ................................–65°C to +150°C
ESD Rating
(3)
Operating Ratings(2)
Input Supply Voltage ......................................... 2.3V to 24V
Enable Input Voltage............................................ 0V to 24V
Junction Thermal....................................... –40°C to +125°C
Package Thermal Resistance
SOT-23-5 (θJA).................................................235°C/W
Electrical Characteristics(4)
TA = 25°C with VIN = VOUT + 1V; IOUT = 100µA, Bold values indicate –40°C<TJ<+125°C; unless otherwise specified.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–1.0
–2.0
+1.0
+2.0
%
%
Line Regulation
VIN = VOUT + 1V to 24V
0.04
%
Load Regulation
Load = 100µA to 150mA
0.25
1
%
Dropout Voltage
IOUT = 100µA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
50
230
270
310
300
400
400
450
450
500
mV
mV
mV
mV
mV
mV
mV
Reference Voltage
1.22
1.24
1.25
V
Ground Current
IOUT = 100µA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
18
0.35
1
2
30
35
0.7
2
4
µA
µA
mA
mA
mA
Ground Current in Shutdown
VEN ≤ 0.6V; VIN = 24V
0.1
1
µA
Short Circuit Current
VOUT = 0V
350
500
mA
Output Leakage,
Reverse Polarity Input
Load = 500Ω; VIN = –15V
–0.1
µA
Enable Input
Input Low Voltage
Regulator OFF
0.6
V
Input High Voltage
Regulator ON
2.0
V
Enable Input Current
VEN = 0.6V; Regulator OFF
VEN = 2.0V; Regulator ON
VEN = 24V; Regulator ON
–1.0
0.01
0.1
0.5
1.0
1.0
2.5
µA
µA
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.


Similar Part No. - MIC5235-1.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235-1.8BM5 MICREL-MIC5235-1.8BM5 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
More results

Similar Description - MIC5235-1.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com