Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5234 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5234
Description  Low-Quiescent Current 150mA LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5234 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5234 Datasheet HTML 7Page - Micrel Semiconductor MIC5234 Datasheet HTML 8Page - Micrel Semiconductor MIC5234 Datasheet HTML 9Page - Micrel Semiconductor MIC5234 Datasheet HTML 10Page - Micrel Semiconductor MIC5234 Datasheet HTML 11Page - Micrel Semiconductor MIC5234 Datasheet HTML 12Page - Micrel Semiconductor MIC5234 Datasheet HTML 13Page - Micrel Semiconductor MIC5234 Datasheet HTML 14Page - Micrel Semiconductor MIC5234 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel, Inc.
MIC5234
September 2011
11
M9999-092711-B
Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
DESCRIPTION
Qty.
C1, C5
EKY-500ELL101MHB5D
United Chemi-con
(1)
Capacitor, Aluminum, 100µF, 50V, 20%, Radial
2
12065C475KAT2A
AVX
(2)
GRM31CR71H475KA12L
Murata
(3)
C2, C3
C3216X5R1H475K
TDK
(4)
Capacitor, 4.7µF, 50V, X5R, size 1206
2
0805YD225KAT2A
AVX
(2)
GRM219R61C225KA88D
Murata
(3)
C4
C2012X7R1C225K
TDK
(4)
Capacitor, 2.2µF, 16V, X7R, size 0805
1
R1
CRCW060310K0FKEA
Vishay
(5)
Resistor, 10KΩ, 1%, size 0603
1
R2
CRCW06031200FKEA
Vishay
(5)
Resistor, 120Ω, 1%, size 0603
1
R3
CRCW06033830FKEA
Vishay
(5)
Resistor, 383Ω, 1%, size 0603
1
R4
CRCW06032000FKEA
Vishay
(5)
Resistor, 200Ω, 1%, size 0603
1
R5
CRCW06031270FKEA
Vishay
(5)
Resistor, 127Ω, 1%, size 0603
1
R6
CRCW060356R0FKEA
Vishay
(5)
Resistor, 56Ω, 1%, size 0603
1
U1
MIC5234YME
Micrel
(6)
Low-Quiescent Current µCap LDO Regulator
1
Notes:
1.
United Chemi-Con: www.chemi-con.com.
2.
AVX: www.avx.com.
3.
Murata: www.murata.com.
4.
TDK: www.tdk.com.
5.
Vishay: www.vishay.com.
6.
Micrel, Inc.: www.micrel.com.


Similar Part No. - MIC5234

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5231-2.75BM5 MICREL-MIC5231-2.75BM5 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5231-2.75BM5 MICREL-MIC5231-2.75BM5 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5231-2.75YM5 MICREL-MIC5231-2.75YM5 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5231-3.0BM5 MICREL-MIC5231-3.0BM5 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
More results

Similar Description - MIC5234

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Unisonic Technologies
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
   HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com