Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5249-2.85YMM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5249-2.85YMM
Description  300mA 關Cap LDO with Programmable Power-On Reset Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5249-2.85YMM Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5249-2.85YMM Datasheet HTML 1Page - Micrel Semiconductor MIC5249-2.85YMM Datasheet HTML 2Page - Micrel Semiconductor MIC5249-2.85YMM Datasheet HTML 3Page - Micrel Semiconductor MIC5249-2.85YMM Datasheet HTML 4Page - Micrel Semiconductor MIC5249-2.85YMM Datasheet HTML 5Page - Micrel Semiconductor MIC5249-2.85YMM Datasheet HTML 6Page - Micrel Semiconductor MIC5249-2.85YMM Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Micrel, Inc.
MIC5249
March 2012
6
M9999-030812
Substituting PD(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, when operating the MIC5249-3.0YMM at
50°C with a minimum footprint layout, the maximum
input voltage for a set output current can be determined
as follows:
Thermal Considerations
The MIC5249 is designed to provide 300mA of
continuous current in a very small package. Maximum
power dissipation can be calculated based on the output
current and the voltage drop across the device. To
determine the maximum power dissipation of the
package, use the junction-to-ambient thermal resistance
of the device and the following basic equation:
°
°
°
=
C/W
160
C
50
C
125
P
D(max)
=
JA
A
J(max)
D(max)
θ
T
T
P
The junction-to-ambient thermal resistance for the
minimum footprint is 160°C/W, from Table 1. The
maximum power dissipation must not be exceeded for
proper operation. Using the output voltage of 3.0V, and
an output current of 300mA, the maximum input voltage
can be determined. Because this device is CMOS and
the ground current is typically 90µA over the load range,
the power dissipation contributed by the ground current
is < 1.0% and can be ignored for this calculation:
TJ(max) is the maximum junction temperature of the die,
125°C and TA is the ambient operating temperature. θJA
is layout dependent; Table 1 shows examples of the
junction-to-ambient thermal resistance for the MIC5249.
Package
θ
JA Recommended Minimum Footprint
MSOP-8
160°C/W
468mW = (VIN – 3.0V) 300mA
Table 1. MSOP-8 Thermal Resistance
468mW = VIN × 300mA – 900mW
1368mW = VIN × 300mA
VIN(max) = 4.56V
The actual power dissipation of the regulator circuit can
be determined using the equation:
Therefore, a 3.0V application at 300mA of output current
can accept a maximum input voltage of 4.56V in the
MSOP-8 package. For a full discussion of heat sinking
and thermal effects on the voltage regulators, refer to the
“Regulator Thermals” section of Micrel’s Designing with
Low-Dropout Voltage Regulators Handbook
.
PD = (VIN – VOUT ) IOUT + VIN IGND


Similar Part No. - MIC5249-2.85YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5249-2.85BMM MICREL-MIC5249-2.85BMM Datasheet
40Kb / 7P
   300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
More results

Similar Description - MIC5249-2.85YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5249 MICREL-MIC5249 Datasheet
40Kb / 7P
   300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
MIC2212 MICREL-MIC2212_06 Datasheet
855Kb / 10P
   Dual 關Cap LDO and Power-On Reset
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Micrel Semiconductor
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MAQ5300 MICREL-MAQ5300 Datasheet
460Kb / 14P
   Automotive Qualified Single Output 300mA 關Cap LDO
logo
Diodes Incorporated
PT7M3808 DIODES-PT7M3808 Datasheet
461Kb / 10P
   Power-On Reset Generator with Adjustable Delay
Sept 2017
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com