Electronic Components Datasheet Search |
|
MIC5249-3.0YMM Datasheet(PDF) 2 Page - Micrel Semiconductor |
|
MIC5249-3.0YMM Datasheet(HTML) 2 Page - Micrel Semiconductor |
2 / 7 page Micrel, Inc. MIC5249 March 2012 2 M9999-030812 Ordering Information Part Number Voltage (1) Junction Temperature Range Package MIC5249-1.5YMM 1.5V –40°C to +125°C 8-Pin MSOP MIC5249-1.8YMM 1.8V –40°C to +125°C 8-Pin MSOP MIC5249-2.5YMM 2.5V –40°C to +125°C 8-Pin MSOP MIC5249-2.6YMM 2.6V –40°C to +125°C 8-Pin MSOP MIC5249-2.8YMM 2.8V –40°C to +125°C 8-Pin MSOP MIC5249-2.85YMM 2.85V –40°C to +125°C 8-Pin MSOP MIC5249-3.0YMM 3.0V –40°C to +125°C 8-Pin MSOP MIC5249-3.3YMM 3.3V –40°C to +125°C 8-Pin MSOP Note: 1. Other voltages available. Contact Micrel Marketing for details. Pin Configuration 1 CBYP DELAY GND VIN 8 ENABLE RESET NC VOUT 7 6 5 2 3 4 8-pin MSOP (MM) Pin Description Pin Number Pin Name Pin Function 1 CBYP Reference Bypass. Connect external 0.01µF capacitor to GND to reduce output noise. May be left open. 2 DELAY Delay Set Input. Connect external capacitor to GND to set the delay of the Error Flag. 3 GND Ground. 4 VIN Supply Input. 5 VOUT Regulator Output. 6 NC No Connect. 7 RESET RESET Output. Open-drain output. Active low indicates an output undervoltage condition. 8 ENABLE Enable Input: CMOS-compatible input. Logic high = enable; Logic low = shutdown. Do not leave open. |
Similar Part No. - MIC5249-3.0YMM |
|
Similar Description - MIC5249-3.0YMM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |