Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5235-3.3BM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5235-3.3BM5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5235-3.3BM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5235-3.3BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5235-3.3BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5235-3.3BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5235-3.3BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5235-3.3BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5235-3.3BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5235-3.3BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5235-3.3BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5235-3.3BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel, Inc.
MIC5235
May 2008
4
M9999-051508
Typical Characteristics
0
10
20
30
40
50
60
70
0.01
0.1
11
0
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
I
LOAD = 150mA
0
50
100
150
200
250
300
350
02 04 06 08 0 100 120 140 160
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
I
OUT = 150mA
0
0.5
1
1.5
2
2.5
3
3.5
0 0.5 1 1.5 2 2.5 3 3.5 4
INPUT VOLTAGE (V)
Dropout
Characteristics
I
LOAD = 100 µA
I
LOAD = 75mA
I
LOAD = 150mA
0
500
1000
1500
2000
2500
3000
02 04 06 08 0 100 120 140 160
OUTPUT CURRENT (mA)
Ground Pin Current
vs. Output Current
V
IN =4V
10
12
14
16
18
20
22
24
26
28
30
0
100
200
300
400
500
OUTPUT CURRENT (µA)
Ground Pin Current
vs. Output Current
V
IN = 24V
V
IN = 12V
V
IN =4V
40
45
50
55
60
65
70
75
80
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (°C)
Ground Pin Current
vs. Temperature
I
LOAD = 10mA
500
520
540
560
580
600
620
640
660
680
700
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (°C)
Ground Pin Current
vs. Temperature
I
LOAD = 75mA
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (°C)
Ground Pin Current
vs. Temperature
I
LOAD = 150mA
0
10
20
30
40
50
60
70
80
90
100
1.5
2
2.5
3
3.5
4
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT = 10mA
I
OUT = 1mA
I
OUT = 100 µA
I
OUT =10µA
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
1.5
2
2.5
3
3.5
4
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT =150mA
I
OUT = 75mA
10
15
20
25
30
35
40
49
14
19
24
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT =10µA
I
OUT = 1mA
I
OUT = 100 µA


Similar Part No. - MIC5235-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235-3.3BM5 MICREL-MIC5235-3.3BM5 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
More results

Similar Description - MIC5235-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com